Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 54Page - Microchip Technology PIC12F752 Datasheet HTML 55Page - Microchip Technology PIC12F752 Datasheet HTML 56Page - Microchip Technology PIC12F752 Datasheet HTML 57Page - Microchip Technology PIC12F752 Datasheet HTML 58Page - Microchip Technology PIC12F752 Datasheet HTML 59Page - Microchip Technology PIC12F752 Datasheet HTML 60Page - Microchip Technology PIC12F752 Datasheet HTML 61Page - Microchip Technology PIC12F752 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 204 page
background image
PIC12F752/HV752
DS41576A-page 58
Preliminary
 2011 Microchip Technology Inc.
7.1
Timer1 Operation
The Timer1 module is a 16-bit incrementing counter
which is accessed through the TMR1H:TMR1L register
pair. Writes to TMR1H or TMR1L directly update the
counter.
When used with an internal clock source, the module is
a timer and increments on every instruction cycle.
When used with an external clock source, the module
can be used as either a timer or counter and
increments on every selected edge of the external
source.
Timer1 is enabled by configuring the TMR1ON and
TMR1GE bits in the T1CON and T1GCON registers,
respectively. Table 7-1 displays the Timer1 enable
selections.
7.2
Clock Source Selection
The TMR1CS<1:0> bits of the T1CON register are used
to select the clock source for Timer1. Table 7-2 displays
the clock source selections.
7.2.1
INTERNAL CLOCK SOURCE
When the internal clock source is selected, the
TMR1H:TMR1L register pair will increment on multiples
of FOSC or FOSC/4 as determined by the Timer1
prescaler.
7.2.2
EXTERNAL CLOCK SOURCE
When the external clock source is selected, the Timer1
module may work as a timer or a counter. When enabled
to count, Timer1 is incremented on the rising edge of the
external clock input T1CKI.
7.2.3
TEMPERATURE SENSE
OSCILLATOR
When the Temperature Sense Oscillator source is
selected, the TMR1H:TMR1L register pair will increment
on multiples of the Temperature Sense Oscillator as
determined by the Timer1 prescaler. The Temperature
Sense Oscillator operates at 16 kHz typical.
TABLE 7-1:
TIMER1 ENABLE
SELECTIONS
TMR1ON
TMR1GE
Timer1
Operation
00
Off
01
Off
10
Always On
11
Count Enabled
TABLE 7-2:
CLOCK SOURCE
SELECTIONS
TMR1CS<1:0>
Clock Source
11
Temperature Sense Oscillator
10
External Clocking on T1CKI Pin
01
System Clock (FOSC)
00
Instruction Clock (FOSC/4)
Note:
In Counter mode, a falling edge must be
registered by the counter prior to the first
incrementing rising edge (see Figure 7-2)
after any one or more of the following
conditions:
• Timer1 enabled after POR Reset
• Write to TMR1H or TMR1L
• Timer1 is disabled
• Timer1 is disabled (TMR1ON = 0)
when T1CKI is high then Timer1 is
enabled (TMR1ON=1) when T1CKI is
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com