Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 67Page - Microchip Technology PIC12F752 Datasheet HTML 68Page - Microchip Technology PIC12F752 Datasheet HTML 69Page - Microchip Technology PIC12F752 Datasheet HTML 70Page - Microchip Technology PIC12F752 Datasheet HTML 71Page - Microchip Technology PIC12F752 Datasheet HTML 72Page - Microchip Technology PIC12F752 Datasheet HTML 73Page - Microchip Technology PIC12F752 Datasheet HTML 74Page - Microchip Technology PIC12F752 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 71
PIC12F752/HV752
9.0
HARDWARE LIMIT TIMER (HLT)
MODULE
The Hardware Limit Timer (HLT) module is a version of
the Timer2-type modules. In addition to all the Timer2-
type features, the HLT can be reset on rising and falling
events from selected peripheral outputs.
The HLT primary purpose is to act as a timed hardware
limit to be used in conjunction with asynchronous
analog feedback applications. In normal operation, the
analog feedback occurs before the HLT period, thereby
resetting the HLTMR1 for the next period and
preventing the HLT output. When the analog feedback
fails to generate a signal within the expected time, then
the HLT output provides a feedback signal in lieu of the
analog signal at the programmed maximum time.
The HLT module incorporates the following features:
• 8-bit Read-Write Timer Register (HLTMR1)
• 8-bit Read-Write Period register (HLTPR1)
• Software programmable prescaler:
-1:1
-1:4
-1:16
• Software programmable postscaler
- 1:1 to 1:16, inclusive
• Interrupt on HLTMR1 match with HLTPR1
• 8 selectable timer Reset inputs (5 reserved)
• Reset on rising and falling event
Refer to Figure 9-1 for a block diagram of the HLT.
FIGURE 9-1:
HLTMR1 BLOCK DIAGRAM
Comparator
HLTimer1 Output
Sets Flag bit HLTMR1IF
HLTMR1
Reset
Postscaler
Prescaler
HLTPR1
FOSC/4
1:1 to 1:16
1:1, 1:4, 1:16
EQ
H1OUTPS<3:0>
H1CKPS<1:0>
Detect
H1FEREN
H1REREN
H1ERS<2:0>
Detect
CCP1 out
C1OUT
C2OUT
‘0’
‘0’
‘0’
‘0’
‘0’
000
111
H1ON
(to COG module)
3
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com