Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 41Page - Microchip Technology PIC12F752 Datasheet HTML 42Page - Microchip Technology PIC12F752 Datasheet HTML 43Page - Microchip Technology PIC12F752 Datasheet HTML 44Page - Microchip Technology PIC12F752 Datasheet HTML 45Page - Microchip Technology PIC12F752 Datasheet HTML 46Page - Microchip Technology PIC12F752 Datasheet HTML 47Page - Microchip Technology PIC12F752 Datasheet HTML 48Page - Microchip Technology PIC12F752 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 45
PIC12F752/HV752
5.0
I/O PORTS
For this device there is one port available, PORTA. In
general, when a peripheral is enabled on a port pin,
that pin cannot be used as a general purpose output.
However, the pin can still be read.
PORTA has three standard registers for its operation.
These registers are:
• TRISA registers (data direction)
• PORTA registers (reads the levels on the pins of
the device)
• LATA registers (output latch)
Some ports may have one or more of the following
additional registers. These registers are:
• ANSELA (analog select)
• WPUA (weak pull-up)
The Data Latch (LATA register) is useful for read-
modify-write operations on the value that the I/O pins
are driving.
A write operation to the LATA register has the same
effect as a write to the corresponding PORTA register.
A read of the LATA register reads the values held in the
I/O PORT latches, while a read of the PORTA register
reads the actual I/O pin value.
Ports that support analog inputs have an associated
ANSEL register. When an ANSELA bit is set, the digital
input buffer associated with that bit is disabled.
Disabling the input buffer prevents analog signal levels
on the pin between a logic high and low from causing
excessive current in the logic input circuitry. A
simplified model of a generic I/O port, without the
interfaces to other peripherals, is shown in Figure 5-1.
FIGURE 5-1:
GENERIC I/O PORTA
OPERATION
EXAMPLE 5-1:
INITIALIZING PORTA
Q
D
CK
Write LATA
Data Register
I/O pin
Read PORTA
Write PORTA
TRISA
Read LATA
Data Bus
To peripherals
ANSELA
VDD
VSS
; This code example illustrates
; initializing the PORTA register. The
; other ports are initialized in the same
; manner.
BANKSEL
PORTA
;
CLRF
PORTA
;Init PORTA
BANKSEL
LATA
;Data Latch
CLRF
LATA
;
BANKSEL
ANSELA
;
CLRF
ANSELA
;digital I/O
BANKSEL
TRISA
;
MOVLW
B'00111000'
;Set RA<5:3> as inputs
MOVWF
TRISA
;and set RA<2:0> as
;outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com