Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 81Page - Microchip Technology PIC12F752 Datasheet HTML 82Page - Microchip Technology PIC12F752 Datasheet HTML 83Page - Microchip Technology PIC12F752 Datasheet HTML 84Page - Microchip Technology PIC12F752 Datasheet HTML 85Page - Microchip Technology PIC12F752 Datasheet HTML 86Page - Microchip Technology PIC12F752 Datasheet HTML 87Page - Microchip Technology PIC12F752 Datasheet HTML 88Page - Microchip Technology PIC12F752 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 85
PIC12F752/HV752
11.1
Fundamental Operation
The COG generates a two output complementary
PWM waveform from rising and falling event sources.
In the simplest configuration, the rising and falling
event sources are the same signal, which is a PWM
signal with the desired period and duty cycle. The COG
converts this single PWM input into a dual complemen-
tary PWM output. The frequency and duty cycle of the
dual PWM output match those of the single input PWM
signal. The off-to-on transition of each output can be
delayed from the on-to-off transition of the other output,
thereby, creating a time immediately after the PWM
transition where neither output is driven. This is
referred to as dead time and is covered in Section 11.5
“Dead-Band Control”.
A typical operating waveform, with dead band, generated
from a single CCP1 input is signal is shown in Figure 11-2.
The COG can also generate a PWM waveform from a
periodic rising event and a separate falling event. In
this case, the falling event is usually derived from
analog feedback within the external PWM driver circuit.
In this configuration, high power switching transients
may trigger a false falling event that needs to be
blanked out. The COG can be configured to blank
falling (and rising) event inputs for a period of time
immediately following the rising (and falling) event drive
output. This is referred to as input blanking and is
covered in Section 11.6 “Blanking Control”.
It may be necessary to guard against the possibility of
circuit faults or a feedback event arriving too late or not
at all. In this case, the active drive must be terminated
before the fault condition causes damage. This is
referred to as auto-shutdown and is covered in
Section 11.8 “Auto-shutdown Control”.
The COG can be configured to operate in phase
delayed conjunction with another PWM. The active
drive cycle is delayed from the rising event by a phase
delay timer. Phase delay is covered in more detail in
Section 11.7 “Phase Delay”.
A typical operating waveform, with phase delay and
dead band, generated from a single CCP1 input is
shown in Figure 11-3.
11.2
Clock Sources
The COG clock is used as the reference clock to the
various timers in the peripheral. Timers that use the
COG clock include:
• Rising and falling dead-band time
• Rising and falling blanking time
• Rising event phase delay
Clock sources available for selection include:
•8 MHz HFINTOSC
• Instruction clock (Fosc/4)
• System clock (Fosc)
The clock source is selected with the GxCS<1:0> bits
of the COGxCON0 register (Register 11-1).
11.3
Selectable Event Sources
The COG uses two independently selectable event
sources to generate the complementary waveform:
• Rising edge source
• Falling edge source
The rising edge source is selected with the GxRS<2:0>
bits and the falling edge source is selected with the
GxFS<2:0> bits. Selection control bits for both sources
are located in the COGxCON1 register (Register 11-2).
11.3.1
RISING EDGE EVENT
The rising edge event starts the PWM output active duty
cycle period. The rising edge event is the low-to-high
transition of the selected rising edge source. When the
phase delay and rising edge dead-band time values are
zero, the rising event output starts immediately.
Otherwise, the rising event output is delayed. The rising
event output causes all the following actions:
• Clear COGxOUT1.
• Start rising edge blanking counter (if enabled).
• Start rising edge dead-band counter (if enabled
and after phase delay, if that also is enabled).
• Set COGxOUT0 output after dead-band counter
expires.
11.3.2
FALLING EDGE EVENT
The falling edge event terminates the PWM output active
duty cycle period. The falling edge event is the
high-to-low transition of the selected falling edge source.
When the falling edge dead-band time value is zero, the
falling event output starts immediately. Otherwise, the
rising event output is delayed. The falling edge event
output causes all the following actions:
• Clear COGxOUT0.
• Start rising edge event input blanking (if enabled).
• Start falling edge dead-band counter (if enabled).
• Set COGxOUT1 output after dead-band counter
expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com