Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 33Page - Microchip Technology PIC12F752 Datasheet HTML 34Page - Microchip Technology PIC12F752 Datasheet HTML 35Page - Microchip Technology PIC12F752 Datasheet HTML 36Page - Microchip Technology PIC12F752 Datasheet HTML 37Page - Microchip Technology PIC12F752 Datasheet HTML 38Page - Microchip Technology PIC12F752 Datasheet HTML 39Page - Microchip Technology PIC12F752 Datasheet HTML 40Page - Microchip Technology PIC12F752 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 37
PIC12F752/HV752
TABLE 3-1:
SUMMARY OF REGISTERS ASSOCIATED WITH FLASH PROGRAM MEMORY
TABLE 3-2:
SUMMARY OF CONFIGURATION WORD WITH FLASH PROGRAM MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
PMCON1
—
—
—
—
—
WREN
WR
RD
31
PMCON2
Program Memory Control Register 2
29*
PMADRL
PMADRL<7:0>
30
PMADRH
—
—
—
—
—
—
PMADRH<1:0>
30
PMDATL
PMDATL<7:0>
30
PMDATH
—
—
PMDATH<5:0>
30
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
20
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by Flash program memory module.
*
Page provides register information.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG
13:8
—
—
DEBUG
CLKOUTEN
WRT<1:0>
BOREN<1:0>
136
7:0
—CP
MCLRE
PWRTE
WDTE
—
—
FOSC0
Legend:
— = unimplemented location, read as ‘1’. Shaded cells are not used by Flash program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com