Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 118Page - Microchip Technology PIC12F752 Datasheet HTML 119Page - Microchip Technology PIC12F752 Datasheet HTML 120Page - Microchip Technology PIC12F752 Datasheet HTML 121Page - Microchip Technology PIC12F752 Datasheet HTML 122Page - Microchip Technology PIC12F752 Datasheet HTML 123Page - Microchip Technology PIC12F752 Datasheet HTML 124Page - Microchip Technology PIC12F752 Datasheet HTML 125Page - Microchip Technology PIC12F752 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 204 page
background image
PIC12F752/HV752
DS41576A-page 122
Preliminary
 2011 Microchip Technology Inc.
15.11 Comparator Control Registers
REGISTER 15-1:
CMxCON0: COMPARATOR Cx CONTROL REGISTER 0
R/W-0/0
R-0/0
R/W-0/0
R/W-0/0
U-0
R/W-1/1
R/W-0/0
R/W-0/0
CxON
CxOUT
CxOE
CxPOL
—
CxSP
CxHYS
CxSYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CxON: Comparator Enable bit
1
= Comparator is enabled
0
= Comparator is disabled and consumes no active power
bit 6
CxOUT: Comparator Output bit
If CxPOL = 1 (inverted polarity):
1
= CxVP < CxVN
0
= CxVP > CxVN
If CxPOL = 0 (non-inverted polarity):
1
= CxVP > CxVN
0
= CxVP < CxVN
bit 5
CxOE: Comparator Output Enable bit
1
= CxOUT is present on the CxOUT pin. Requires that the associated TRIS bit be cleared to actually
drive the pin. Not affected by CxON.
0
= CxOUT is internal only
bit 4
CxPOL: Comparator Output Polarity Select bit
1
= Comparator output is inverted
0
= Comparator output is not inverted
bit 3
Unimplemented: Read as ‘0’
bit 2
CxSP: Comparator Speed/Power Select bit
1
= Comparator operates in normal power, higher speed mode
0
= Comparator operates in low-power, low-speed mode
bit 1
CxHYS: Comparator Hysteresis Enable bit
1
= Comparator hysteresis enabled
0
= Comparator hysteresis disabled
bit 0
CxSYNC: Comparator Output Synchronous Mode bit
1
= Comparator output to Timer1 and I/O pin is synchronous to changes on Timer1 clock source.
Output updated on the falling edge of Timer1 clock source.
0
= Comparator output to Timer1 and I/O pin is asynchronous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com