Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 131Page - Microchip Technology PIC12F752 Datasheet HTML 132Page - Microchip Technology PIC12F752 Datasheet HTML 133Page - Microchip Technology PIC12F752 Datasheet HTML 134Page - Microchip Technology PIC12F752 Datasheet HTML 135Page - Microchip Technology PIC12F752 Datasheet HTML 136Page - Microchip Technology PIC12F752 Datasheet HTML 137Page - Microchip Technology PIC12F752 Datasheet HTML 138Page - Microchip Technology PIC12F752 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 135
PIC12F752/HV752
17.0
SPECIAL FEATURES OF THE
CPU
The PIC12F752/HV752 has a host of features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power-
saving features and offer code protection.
These features are:
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Oscillator selection
• Sleep
• Code protection
• ID Locations
• In-Circuit Serial Programming
The Power-up Timer (PWRT), which provides a fixed
delay of 64 ms (nominal) on power-up only, is designed
to keep the part in Reset while the power supply
stabilizes. There is also circuitry to reset the device if a
brown-out occurs, which can use the Power-up Timer
to provide at least a 64 ms Reset. With these functions-
on-chip, most applications need no external Reset
circuitry.
The Sleep mode is designed to offer a very low-current
Power-Down mode. The user can wake-up from Sleep
through:
• External Reset
• Watchdog Timer Wake-up
• An interrupt
Oscillator selection options are available to allow the
part to fit the application. The INTOSC options save
system cost, while the External Clock (EC) option
provides a means for specific frequency and accurate
clock sources. Configuration bits are used to select
various options (see Register 17-1).
17.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’) to select various
device configurations as shown in Register 17-1.
These bits are mapped in program memory location
2007h.
Note:
Address 2007h is beyond the user program
memory space. It belongs to the special
configuration
memory
space
(2000h-
3FFFh), which can be accessed only during
programming. See Memory Programming
Specification
(DS41561)
for
more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com