Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 177Page - Microchip Technology PIC12F752 Datasheet HTML 178Page - Microchip Technology PIC12F752 Datasheet HTML 179Page - Microchip Technology PIC12F752 Datasheet HTML 180Page - Microchip Technology PIC12F752 Datasheet HTML 181Page - Microchip Technology PIC12F752 Datasheet HTML 182Page - Microchip Technology PIC12F752 Datasheet HTML 183Page - Microchip Technology PIC12F752 Datasheet HTML 184Page - Microchip Technology PIC12F752 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 181
PIC12F752/HV752
TABLE 20-8:
DIGITAL-TO-ANALOG (DAC) SPECIFICATIONS
TABLE 20-9:
FIXED VOLTAGE REFERENCE SPECIFICATIONS
TABLE 20-10: SHUNT REGULATOR SPECIFICATIONS (PIC12HV752 only)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym
Characteristics
Min
Typ†
Max
Units
Comments
DA01*
CLSB
Step Size
—
VDD/32
—
V
DA02*
CACC
Absolute Accuracy
—
 1/2
—
LSB
DA03*
CR
Unit Resistor Value (R)
—
TBD
—
DA04*
CST
Settling Time
—
10
—
s
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
VR Voltage Reference Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
VR01*
VFVR
FVR Voltage Output
—
1.2
—
V
VR02*
TSTABLE
FVR Turn On Time
—
200
—
s
*
These parameters are characterized but not tested.
SHUNT REGULATOR CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
SR01
VSHUNT
Shunt Voltage
4.75
5
5.4
V
SR02
ISHUNT
Shunt Current
4
—
50
mA
SR03*
TSETTLE Settling Time
—
—
150
ns
To 1% of final value
SR04
CLOAD
Load Capacitance
0.01
—
10
F
Bypass capacitor on VDD
pin
SR05
ISNT
Regulator operating current
—
180
—
A
Includes band gap
reference current
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com