Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 183Page - Microchip Technology PIC12F752 Datasheet HTML 184Page - Microchip Technology PIC12F752 Datasheet HTML 185Page - Microchip Technology PIC12F752 Datasheet HTML 186Page - Microchip Technology PIC12F752 Datasheet HTML 187Page - Microchip Technology PIC12F752 Datasheet HTML 188Page - Microchip Technology PIC12F752 Datasheet HTML 189Page - Microchip Technology PIC12F752 Datasheet HTML 190Page - Microchip Technology PIC12F752 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 187
PIC12F752/HV752
22.0
PACKAGING INFORMATION
22.1
Package Marking Information
*
Standard PIC device marking consists of Microchip part number, year code, week code, and traceability code. For PIC
device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP
devices, any special marking adders are included in QTP price.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information.
3
e
3
e
8-Lead PDIP (300 mil)
Example
XXXXXXXX
XXXXXNNN
YYWW
1109
12F752
8-Lead SOIC (3.90 mm)
Example
NNN
12F752
ESN 1109
121
E/P
121
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com