Electronic Components Datasheet Search
  English  ▼

X  

DS26324 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 9Page - Maxim Integrated Products DS26324 Datasheet HTML 10Page - Maxim Integrated Products DS26324 Datasheet HTML 11Page - Maxim Integrated Products DS26324 Datasheet HTML 12Page - Maxim Integrated Products DS26324 Datasheet HTML 13Page - Maxim Integrated Products DS26324 Datasheet HTML 14Page - Maxim Integrated Products DS26324 Datasheet HTML 15Page - Maxim Integrated Products DS26324 Datasheet HTML 16Page - Maxim Integrated Products DS26324 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
13 of 120
NAME
PIN
TYPE
FUNCTION
RCLK1
D3
O,
tri-state
Receive Clock for Channels 1–16. The receive data (RPOS/RNEG)
is clocked out on the rising edge of RCLK. If a given receiver is in
power-down mode the RCLK is high impedance. Upon an LOS being
detected, the RCLK is switched from the recovered clock to MCLK.
RCLK can be inverted by the RCLKI register.
RCLK2
G6
RCLK3
K3
RCLK4
K5
RCLK5
P5
RCLK6
M8
RCLK7
P10
RCLK8
P13
RCLK9
L13
RCLK10
K14
RCLK11
G13
RCLK12
F12
RCLK13
E8
RCLK14
E9
RCLK15
F8
RCLK16
E6
MCLK
H12
I
Master Clock. This is an independent free-running clock that can be
a multiple of 2.048MHz ±50ppm for E1 mode or 1.544MHz ±50ppm
for T1 mode. The clock selection is available by MC bits MPS0,
MPS1, FREQS, and PLLE. A multiple of 2.048MHz can be internal
adapted to 1.544MHz and a multiple of 1.544MHz can be internal
adapted to 2.048MHz.
LOS1
D2
O
Loss-of-Signal Output. This output goes high when there is no
transition on the received signal over a specified interval. The output
will go low when there is sufficient ones density in the received signal.
The LOS criteria for assertion and desertion criteria are described in
Section 5.5.6. The LOS outputs can be configured to comply with
T1.231, ITU-T G.775, or ETS 300 233.
T1/E1 Clock (TECLK) (Ball E11 only). This output becomes a T1 or
E1 programmable clock output when enabled by register MC. For T1
or E1 frequency selection, see the CCR register.
Clock A (CLKA) (Ball F10 only). This output becomes a
programmable clock output when enabled by register MC. For
frequency options, see CCR register.
LOS2
G2
LOS3
J2
LOS4
M2
LOS5
R2
LOS6
T2
LOS7
R4
LOS8
R7
LOS9
R14
LOS10
N15
LOS11
K15
LOS12
H15
LOS13
B10
LOS14
B8
LOS15/TECLK
E11
LOS16/CLKA
F10
HOST SELECTION
MODESEL
A3
I
Mode Selection. This pin is used to select the control mode of the
DS26324:
Low
→ Serial Host Mode
High
→ Parallel Host Mode
MOTEL
B3
I
Motorola Intel Select. When this pin is low, Motorola mode is
selected. When this pin is high Intel mode is selected.
CSB
P14
I
Chip Select Bar. This signal must be low during all accesses to the
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com