Electronic Components Datasheet Search
  English  ▼

X  

DS26324 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 10Page - Maxim Integrated Products DS26324 Datasheet HTML 11Page - Maxim Integrated Products DS26324 Datasheet HTML 12Page - Maxim Integrated Products DS26324 Datasheet HTML 13Page - Maxim Integrated Products DS26324 Datasheet HTML 14Page - Maxim Integrated Products DS26324 Datasheet HTML 15Page - Maxim Integrated Products DS26324 Datasheet HTML 16Page - Maxim Integrated Products DS26324 Datasheet HTML 17Page - Maxim Integrated Products DS26324 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
14 of 120
NAME
PIN
TYPE
FUNCTION
SCLK/ALE/ASB
N14
I
Shift Clock. In the serial host mode, this pin is the serial clock. Data
on SDI is clocked on the rising edge of SCLK. The data is clocked on
SDO on the rising edge of SCLK if CLKE is high. If CLKE is low the
data on SDO is clocked on the falling edge of SCLK.
Address Latch Enable. In parallel Intel multiplexed mode, the
address lines are latched on the falling edge of ALE.
Address Strobe Bar. In parallel Motorola multiplexed mode, the
address is sampled on the falling edge of ASB.
Note: Tie ALE/ASB pin high if using nonmuxed mode.
RDB/RWB
H14
I
Read Bar. In Intel host mode, this pin must be low for read operation.
Read Write Bar. In Motorola mode, this pin is low for write operation
and high for read operation.
SDI/WRB/DSB
G14
I
Serial Data Input. In the serial host mode, this pin is the serial input
SDI; it is sampled on the rising edge of SCLK.
Write Bar. In Intel host mode, this pin is active low during write
operation. The data or address (multiplexed mode) is sampled on the
rising edge of WRB.
Data Strobe Bar. In the parallel Motorola mode, this pin is active low.
During a write operation the data or address is sampled on the rising
edge of DSB. During a read operation the data or address is driven
on the rising edge of DSB. In the nonmultiplexed Motorola mode the
address bus (A[5:0]) is latched on the falling edge of DSB.
SD0/RDYB/ACKB
C13
O
Serial Data Out. In serial host mode, the SDO data is output on this
pin. If a serial write is in progress this pin is high impedance. During a
read SDO is high impedance when the SDI is in command/address
mode. If CLKE is low SDO is output on the rising edge of SCLK, if
CLKE is high on the falling edge.
Ready Bar Output. A high on this pin reports to the host that the
cycle is not complete and wait states must be inserted. A low means
the cycle is complete.
Acknowledge Bar. In Motorola parallel mode, a low on this pin
indicates that the read data is available for the Host or that the written
data cycle is complete.
INTB
D7
O,
open
drain
Interrupt Bar (Active Low). This signal is tri-state when RSTB pin is
low. This interrupt signal is driven low when an event is detected on
any of the enabled interrupt sources in any of the register banks.
When there are no active and enabled interrupt sources, the pin can
be programmed to either drive high or as open drain. The reset
default is open drain when there are no active enabled interrupt
sources. All interrupt sources are disabled when RSTB = 0 and they
must be programmed to be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com