Electronic Components Datasheet Search
  English  ▼

X  

DS26324 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 45Page - Maxim Integrated Products DS26324 Datasheet HTML 46Page - Maxim Integrated Products DS26324 Datasheet HTML 47Page - Maxim Integrated Products DS26324 Datasheet HTML 48Page - Maxim Integrated Products DS26324 Datasheet HTML 49Page - Maxim Integrated Products DS26324 Datasheet HTML 50Page - Maxim Integrated Products DS26324 Datasheet HTML 51Page - Maxim Integrated Products DS26324 Datasheet HTML 52Page - Maxim Integrated Products DS26324 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
49 of 120
Register Name:
RLBC
Register Description:
Remote Loopback Control
Register Address (LIUs 1–8):
02h
Bit #
7
6
5
4
3
2
1
0
Name
RLBC8
RLBC7
RLBC6
RLBC5
RLBC4
RLBC3
RLBC2
RLBC1
Default
0
0
0
0
0
0
0
0
Register Address (LIUs 9–16):
22h
Bit #
7
6
5
4
3
2
1
0
Name
RLBC16
RLBC15
RLBC14
RLBC13
RLBC12
RLBC11
RLBC10
RLBC9
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Remote Loopback Control Bits Channel n (RLBCn). When this bit is set, remote loopback is
enabled on LIUn. The analog received signal goes through the receive digital and is looped back to the transmitter.
The data at TPOS and TNEG is ignored. The jitter attenuator is in use if enabled.
Register Name:
TAOE
Register Description:
Transmit All Ones Enable
Register Address (LIUs 1–8):
03h
Bit #
7
6
5
4
3
2
1
0
Name
TAOE8
TAOE7
TAOE6
TAOE5
TAOE4
TAOE3
TAOE2
TAOE1
Default
0
0
0
0
0
0
0
0
Register Address (LIUs 9–16):
23h
Bit #
7
6
5
4
3
2
1
0
Name
TAOE16
TAOE15
TAOE14
TAOE13
TAOE12
TAOE11
TAOE10
TAOE9
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Transmit All Ones Enable Channel n (TAOEn). When this bit is set, continuous stream of All ones on
TTIP and TRING are sent on Channel n. MCLK is used as a reference clock for Transmit All Ones Signal. The data
arriving at TPOS and TNEG is ignored.
Register Name:
LOSS
Register Description:
Loss of Signal Status
Register Address (LIUs 1–8):
04h
Bit #
7
6
5
4
3
2
1
0
Name
LOSS8
LOSS7
LOSS6
LOSS5
LOSS4
LOSS3
LOSS2
LOSS1
Default
0
0
0
0
0
0
0
0
Register Address (LIUs 9–16):
24h
Bit #
7
6
5
4
3
2
1
0
Name
LOSS16
LOSS15
LOSS14
LOSS13
LOSS12
LOSS11
LOSS10
LOSS9
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Loss of Signal Status Channel n (LOSSn). When this bit is set, a LOS condition has been detected
on LIUn. The criteria and conditions of LOS are described in Section 5.5.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com