Electronic Components Datasheet Search
  English  ▼

X  

DS26324 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 14Page - Maxim Integrated Products DS26324 Datasheet HTML 15Page - Maxim Integrated Products DS26324 Datasheet HTML 16Page - Maxim Integrated Products DS26324 Datasheet HTML 17Page - Maxim Integrated Products DS26324 Datasheet HTML 18Page - Maxim Integrated Products DS26324 Datasheet HTML 19Page - Maxim Integrated Products DS26324 Datasheet HTML 20Page - Maxim Integrated Products DS26324 Datasheet HTML 21Page - Maxim Integrated Products DS26324 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
18 of 120
Figure 5-3. Serial Port Operation for Read Access with CLKE = 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
A1
A2
A3
A4
A5
D1
D2
D3
D4
D5
D6
SCLK
SDI
SDO
CSB
(lsb)
(msb)
D0
(lsb)
D7
(msb)
A6
X
5.1.2
Parallel Port Operation
When using the parallel interface on the DS26324 the user has the option for either multiplexed bus operation or
nonmultiplexed bus operation. The ALE pin is pulled high in nonmultiplexed bus operation. The DS26324 can
operate with either Intel or Motorola bus-timing configurations selected by MOTEL pin. This pin being high selects
the Intel mode. The parallel port is only operational if MODESEL pin is pulled high. The following Table lists all the
pins and their functions in the parallel port mode. See the timing diagrams in Section 9 for more details.
Table 5-1. Parallel Port Mode Selection and Pin Functions
MODESEL, MOTEL,
MUX
PARALLEL HOST
INTERFACE
ADDRESS, DATA, AND CONTROL
100
Nonmultiplexed Motorola
CSB, ACKB, DSB, RWB, ASB, A[5:0], D[7:0], INTB
110
Nonmultiplexed Intel
CSB, RDYB, WRB, RDB, ALE, A[5:0], D[7:0], INTB
101
Multiplexed Motorola
CSB, ACKB, DSB, RWB, ASB, AD[7:0], INTB
111
Multiplexed Intel
CSB, RDYB, WRB, RDB, ALE, AD[7:0], INTB
5.1.3
Interrupt Handling
There are four sets of events that can potentially trigger an Interrupt. The interrupt functions as follows:
•
When status changes on an interruptible event, INTB pin will go low if the event is enabled through the
corresponding Interrupt Enable Register. The INTB has to be pulled high externally with a 10k
Ω resister for
wired-OR operation. If a wired-OR operation is not required, the INTB pin can be configured to be high when
not active by setting register GISC.INTM.
•
When an Interrupt occurs the Host Processor has to read the Interrupt Status register to determine the source
of the Interrupt. The read will also clear the Interrupt Status register and this will clear the output INTB pin. The
Interrupt Status register can also be configured as clear on write as per register GISC.CWE. When set to clear
on write, and interrupt status register bit (and the interrupt it generates) will only be cleared on writing a ‘1’ to
it’s bit location in the interrupt status register. This makes is possible to clear interrupts on some bits in a
register without clearing them on all bits.
•
Subsequently the host processor can read the corresponding Status Register to check the real-time status of
the event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com