Electronic Components Datasheet Search
  English  ▼

X  

DS26324 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 2Page - Maxim Integrated Products DS26324 Datasheet HTML 3Page - Maxim Integrated Products DS26324 Datasheet HTML 4Page - Maxim Integrated Products DS26324 Datasheet HTML 5Page - Maxim Integrated Products DS26324 Datasheet HTML 6Page - Maxim Integrated Products DS26324 Datasheet HTML 7Page - Maxim Integrated Products DS26324 Datasheet HTML 8Page - Maxim Integrated Products DS26324 Datasheet HTML 9Page - Maxim Integrated Products DS26324 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
6 of 120
1 STANDARDS COMPLIANCE
1.1
Telecom Specifications compliance
The DS26324 LIU meets all the relevant latest Telecommunications Specifications. The following provides the T1
and E1 Specifications and relevant sections that are applicable to the DS26324.
•
T1-Related Telecommunications Specifications
•
ANSI T1.102: Digital Hierarchy Electrical Interface
•
ANSI T1.231: Digital Hierarchy- Layer 1 in Service Performance Monitoring
•
ANSI T1.403: Network and Customer Installation Interface- DS1 Electrical Interface
•
G.736: Characteristics of a synchronous digital multiplex equipment operating at 2048kbps
•
G.823: The control of jitter and wander within digital networks which are based on the 2048kbps hierarchy
•
Pub 62411: High Capacity Terrestrial Digital Service
•
ITU-T G.772: Protected monitoring points provided on digital transmission systems
•
E1-Related Telecommunications Specifications
•
ITU-T G.703: Physical/Electrical Characteristics of G.703 Hierarchical Digital Interfaces
•
ITU-T G.736: Characteristics of Synchronous Digital Multiplex Equipment operating at 2048kbps
•
ITU-T G.742: Second Order Digital Multiplex Equipment Operating at 8448kbps
•
ITU-T G.772: Protected monitoring points provided on digital transmission systems
•
ITU-T G.775: Loss of signal (LOS) and alarm indication signal (AIS) defect detection and clearance criteria
•
ETS 300 166: Physical and electrical characteristics of hierarchical digital interfaces for equipment using
the 2048kbps-based plesiosynchronous or synchronous digital hierarchies
•
ETS 300 233: Integrated Services Digital Network (ISDN)
•
G.736: Characteristics of a synchronous digital multiplex equipment operating at 2048kbps
•
G.823: The control of jitter and wander within digital networks which are based on the 2048kbps hierarchy
•
Pub 62411: High Capacity Terrestrial Digital Service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com