Electronic Components Datasheet Search
  English  ▼

X  

DS26324 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 41Page - Maxim Integrated Products DS26324 Datasheet HTML 42Page - Maxim Integrated Products DS26324 Datasheet HTML 43Page - Maxim Integrated Products DS26324 Datasheet HTML 44Page - Maxim Integrated Products DS26324 Datasheet HTML 45Page - Maxim Integrated Products DS26324 Datasheet HTML 46Page - Maxim Integrated Products DS26324 Datasheet HTML 47Page - Maxim Integrated Products DS26324 Datasheet HTML 48Page - Maxim Integrated Products DS26324 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
45 of 120
Table 6-6. Secondary Register Set Bit Map
REGISTER
ADDRESS
FOR LIUs
1–8
RW
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SRMS
00
RW
SRMS8
SRMS7
SRMS6
SRMS5
SRMS4
SRMS3
SRMS2
SRMS1
LCS
01
RW
LCS8
LCS7
LCS6
LCS5
LSC4
LCS3
LSC2
LSC1
Not Used
02
RW
—
—
—
—
—
—
—
—
RPDE
03
RW
RPDE8
RPDE7
RPDE6
RPDE5
RPDE4
RPDE3
RPDE2
RPDE1
TPDE
04
RW
TPDE8
TDPE7
TPDE6
TPDE5
TPDE4
TPDE3
TPDE2
TPDE1
EZDE
05
RW
EZDE8
EZDE7
EZDE6
EZDE5
EZDE4
EZDE3
EZDE2
EZDE1
CVDEB
06
RW
CVDEB8
CVDEB7
CVDEB6
CVDEB5
CVDEB4
CVDEB3
CVDEB2
CVDEB1
Not Used
07–1E
—
—
—
—
—
—
—
—
—
ADDP
1F
RW
ADDP7
ADDP6
ADDP5
ADDP4
ADDP3
ADDP2
ADDP1
ADDP0
REGISTER
ADDRESS
FOR LIUs
9–16
RW
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SRMS
20
RW
SRMS16
SRMS15
SRMS14
SRMS13
SRMS12
SRMS11
SRMS10
SRMS9
LCS
21
RW
LCS16
LCS15
LCS14
LCS13
LSC12
LCS11
LSC10
LSC9
Not Used
22
RW
—
—
—
—
—
—
—
—
RPDE
23
RW
RPDE16
RPDE15
RPDE14
RPDE13
RPDE12
RPDE11
RPDE10
RPDE9
TPDE
24
RW
TPDE16
TDPE15
TPDE14
TPDE13
TPDE12
TPDE11
TPDE10
TPDE9
EZDE
25
RW
EZDE16
EZDE15
EZDE14
EZDE13
EZDE12
EZDE11
EZDE10
EZDE9
CVDEB
26
RW
CVDEB16
CVDEB15
CVDEB14
CVDEB13
CVDEB12
CVDEB11
CVDEB10
CVDEB9
Not Used
27–3E
—
—
—
—
—
—
—
—
—
ADDP
3F
RW
ADDP7
ADDP6
ADDP5
ADDP4
ADDP3
ADDP2
ADDP1
ADDP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com