Electronic Components Datasheet Search
  English  ▼

X  

DS26324 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS26324 Datasheet HTML 17Page - Maxim Integrated Products DS26324 Datasheet HTML 18Page - Maxim Integrated Products DS26324 Datasheet HTML 19Page - Maxim Integrated Products DS26324 Datasheet HTML 20Page - Maxim Integrated Products DS26324 Datasheet HTML 21Page - Maxim Integrated Products DS26324 Datasheet HTML 22Page - Maxim Integrated Products DS26324 Datasheet HTML 23Page - Maxim Integrated Products DS26324 Datasheet HTML 24Page - Maxim Integrated Products DS26324 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
21 of 120
Table 5-2. Telecommunications Specification Compliance for DS26324 Transmitters
TRANSMITTER FUNCTION
TELECOMMUNICATIONS COMPLIANCE
AMI Coding, B8ZS Substitution, DS1 Electrical Interface
ANSI T1.102
T1 Telecom Pulse Mask compliance
ANSI T1.403
T1 Telecom Pulse Mask compliance
ANSI T1.102
Transmit Electrical Characteristics for E1 Transmission
and Return Loss Compliance
ITU-T G.703
Table 5-3. Registers Related to Control of DS26324 Transmitters
REGISTER
NAME
FUNCTION
Transmit All Ones Enable
TAOE
Transmit all ones enable.
Driver Fault Monitor Status
DFMS
Driver fault status.
Driver Fault Monitor Interrupt Enable
DFMIE
Driver fault status interrupt mask.
Driver Fault Monitor Interrupt Status
DFMIS
Driver fault status interrupt mask.
Automatic Transmit All Ones Select
ATAOS
Transmit all ones enabled automatically on LOS.
Global Configuration
GC
Global control of jitter attenuator, line coding and short
circuit protection.
Template Select Transmitter
TST
The transmitter that the Template Select Transmitter
Register applies to.
Template Select
TS
The TS2 to TS0 bits for selection of the templates for
transmitter and TIMPOFF and TIMPRIM bits to control
transmit impedance match.
Output Enable Configuration
OE
These register bits can be used to enable the transmitter
outputs.
Master Clock Selection
MC
Selects the MCLK frequency used for transmit and
receive.
Single-Rail Mode Select
SRMS
This register can be used to select between single-rail
and dual-rail mode.
Line Code Selection
LCS
The individual transceiver line codes can be selected to
overwrite the global setting.
Transmit Power-Down Enable
TPDE
Individual transmitters can be powered down.
Individual Jitter Attenuator Enable
IJAE
Enables the jitter attenuator.
Individual Jitter Attenuator Position
Select
IJAPS
Selects whether jitter attenuator is in transmit or receive
path
Individual Jitter Attenuator FIFO
Depth Select
IJAFDS
Selects depth of jitter attenuator FIFO.
Individual Jitter Attenuator FIFO
Limit Trip
IJAFLT
Indicates jitter attenuator FIFO within 4 bits of its useful
limit.
Individual Short-Circuit Protection
Disable
ISCPD
This register allows the individual transmitters to have
short-circuit protection disable.
Bit Error Rate Tester Control
BTCR
This register allows mapping of the internal BERTs into
an individual transmit path.
Transmit Clock Invert
TCLKI
Inverts TCLK input.
BPV Error Insertion
BEIR
Inserts a bipolar error in the transmit path when in single-
rail mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com