Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 9Page - Maxim Integrated Products MAX2832 Datasheet HTML 10Page - Maxim Integrated Products MAX2832 Datasheet HTML 11Page - Maxim Integrated Products MAX2832 Datasheet HTML 12Page - Maxim Integrated Products MAX2832 Datasheet HTML 13Page - Maxim Integrated Products MAX2832 Datasheet HTML 14Page - Maxim Integrated Products MAX2832 Datasheet HTML 15Page - Maxim Integrated Products MAX2832 Datasheet HTML 16Page - Maxim Integrated Products MAX2832 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
______________________________________________________________________________________
13
Rx BB VGA SETTLING RESPONSE
(+8 GAIN STEP)
500mV
-500mV
3V
0V
0V
MAX2830 toc18
40ns/div
Rx BB VGA SETTLING RESPONSE
(-8 GAIN STEP)
3V
0V
MAX2830 toc19
500mV
-500mV
0V
40ns/div
Rx BB VGA SETTLING RESPONSE
(-16 GAIN STEP)
MAX2830 toc20
500mV
-500mV
3V
0V
0V
40ns/div
Rx BB VGA SETTLING RESPONSE
(-32 GAIN STEP)
MAX2830 toc21
500mV
-500mV
3V
0V
0V
40ns/div
RF LNA SETTLING RESPONSE
(HIGH TO MEDIUM)
MAX2830 toc22
500mV
-500mV
3V
0V
0V
100ns/div
RF LNA SETTLING RESPONSE
(HIGH TO LOW)
MAX2830 toc23
500mV
-500mV
3V
0V
0V
100ns/div
Rx BB FREQUENCY RESPONSE
vs. FINE SETTING (COARSE SETTING = 8.5MHz)
FREQUENCY (MHz)
-100
-80
-60
-40
-20
0
20
1
10
100
Rx BB FREQUENCY RESPONSE
vs. COARSE SETTING (FINE SETTING = 010)
FREQUENCY (MHz)
-120
-100
-80
-60
-40
-20
0
20
110
100
Rx BASEBAND FILTER
GROUP DELAY
MAX2830 toc26
FREQUENCY (MHz)
12
1
Typical Operating Characteristics (continued)
(MAX2830 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA = +25°C, fLO = 2.437GHz, fREF = 40MHz, SHDN = CS = high, RXHP =
SCLK = DIN = low.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com