Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 25Page - Maxim Integrated Products MAX2832 Datasheet HTML 26Page - Maxim Integrated Products MAX2832 Datasheet HTML 27Page - Maxim Integrated Products MAX2832 Datasheet HTML 28Page - Maxim Integrated Products MAX2832 Datasheet HTML 29Page - Maxim Integrated Products MAX2832 Datasheet HTML 30Page - Maxim Integrated Products MAX2832 Datasheet HTML 31Page - Maxim Integrated Products MAX2832 Datasheet HTML 32Page - Maxim Integrated Products MAX2832 Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
______________________________________________________________________________________
29
Table 27. Register 11 (A3:A0 = 1011)
BIT
RECOMMENDED
DESCRIPTION
D13:D7
0000000
Set to recommended value.
D6:D5
11
LNA Gain Control. Set to 11 for high-gain mode. Set to 10 for medium-gain mode, reducing
LNA gain by 16dB. Set to 0X for low-gain mode, reducing LNA gain by 33dB.
D4:D0
11111
Receiver VGA Control. Set D4:D0 = 00000 for minimum gain and D4:D0 = 11111 for
maximum gain.
Table 28. Register 12 (A3:A0 = 1100)
BIT
RECOMMENDED
DESCRIPTION
D13:D6
00000101
Set to recommended value.
D5:D0
000000
Transmitter VGA Gain Control. Set D5:D0 = 000000 for minimum gain, and set D5:D0 =
111111 for maximum gain.
Table 29. Register 13 (A3:A0 = 1101)
BIT
RECOMMENDED
DESCRIPTION
D13:D10
0011
Set to recommended value.
D9:D6
1010
Set to recommended value.
D5:D0
010010
Set to recommended value.
Table 26. Register 10 (A3:A0 = 1010)
BIT
RECOMMENDED
DESCRIPTION
D13:D10
0111
Power-Amplifier Enable Delay. Sets a delay between RXTX low-to-high transition and internal PA
enable. Programmable in 0.5µs steps. D13:D10 = 0001 (0.2µs) and D13:D10 = 1111 (7µs).
D9:D7
011
Set to recommended value.
D6:D3
0100
Second-Stage Power-Amplifier Bias Current Adjustment. Set to XXXX for 802.11g/b.
D2:D0
100
First-Stage Power-Amplifier Bias Current Adjustment. Set to XXX for 802.11g/b.
Table 25. Register 9 (A3:A0 = 1001)
BIT
RECOMMENDED
DESCRIPTION
D13:D11
000
Set to recommended value.
D10
0
Enable Transmitter Gain Programming Through the Serial or Parallel Interface. Set to 1 to
enable programming through the 3-wire serial interface (D5:D0 in Register A3:A0 = 1011).
Set to 0 to enable programming in parallel through external digital pins (B6:B1).
D9:D0
1110110101
Set to recommended value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com