Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 10Page - Maxim Integrated Products MAX2832 Datasheet HTML 11Page - Maxim Integrated Products MAX2832 Datasheet HTML 12Page - Maxim Integrated Products MAX2832 Datasheet HTML 13Page - Maxim Integrated Products MAX2832 Datasheet HTML 14Page - Maxim Integrated Products MAX2832 Datasheet HTML 15Page - Maxim Integrated Products MAX2832 Datasheet HTML 16Page - Maxim Integrated Products MAX2832 Datasheet HTML 17Page - Maxim Integrated Products MAX2832 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
14
______________________________________________________________________________________
0
38
19
76
57
95
114
HISTOGRAM: Rx PHASE IMBALANCE
1
σ/div
MEAN: 0.3
°
STD: 0.314
°
SAMPLE SIZE: 1013
Tx ICC vs. VCC
VCC (V)
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6
78
80
82
84
86
88
TA = +25
°C
TA = -40
°C
TA = +85
°C
0
16
8
32
24
40
48
HISTOGRAM: Tx LO LEAKAGE
1
σ/div
MEAN: -33.45dBc
STD: 6.31dB
SAMPLE SIZE: 999
0
26
13
52
39
65
78
HISTOGRAM: Rx STATIC DC OFFSET
1
σ/div
MEAN: 0mV
STD: 0.977mV
SAMPLE SIZE: 1006
0
46
23
92
69
115
138
HISTOGRAM: Rx GAIN IMBALANCE
1
σ/div
MEAN: 0dB
STD: 0.064dB
SAMPLE SIZE: 951
0
24
12
48
36
60
72
HISTOGRAM: Tx SIDEBAND
SUPPRESSION
1
σ/div
MEAN: -42dBc
STD: 1.9dB
SAMPLE SIZE: 1000
-90
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
Tx BASEBAND FILTER RESPONSE
BASEBAND FREQUENCY (MHz)
-80
Tx EVM vs. POUT
POUT (dBm)
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
VCC = 4.2V
VCC = 3.3V
VCC = 3V
VCC = 2.7V
Typical Operating Characteristics (continued)
(MAX2830 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA = +25°C, fLO = 2.437GHz, fREF = 40MHz, SHDN = CS = high, RXHP =
SCLK = DIN = low.)
PA SUPPLY CURRENT vs. POUT
POUT (dBm)
0
5
10
15
20
25
120
150
180
210
240
270
300
330
360
VCCPA = 4.2V
VCCPA = 2.7V, 3.0V, 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com