Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 17Page - Maxim Integrated Products MAX2832 Datasheet HTML 18Page - Maxim Integrated Products MAX2832 Datasheet HTML 19Page - Maxim Integrated Products MAX2832 Datasheet HTML 20Page - Maxim Integrated Products MAX2832 Datasheet HTML 21Page - Maxim Integrated Products MAX2832 Datasheet HTML 22Page - Maxim Integrated Products MAX2832 Datasheet HTML 23Page - Maxim Integrated Products MAX2832 Datasheet HTML 24Page - Maxim Integrated Products MAX2832 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
______________________________________________________________________________________
21
an antenna diversity path between the ANT2 port (pins
9 and 10) and the receiver. When RXTX = 1, the PA
and transmit path are automatically connected to the
ANT2 port, regardless of the logic state of ANTSEL. For
solutions not requiring antenna diversity, set ANTSEL
logic-level high, enabling only the ANT2 port for both
receive and transmit modes.
The ANT1 and ANT2 differential ports are internally AC-
coupled and internally matched to 100
Ω. Directly con-
nect 2:1 baluns or balanced bandpass filters (BPFs) to
these ports for applications requiring antenna diversity.
For applications not requiring antenna diversity, only a
single balun or balanced BPF is required on the ANT2
port, and the ANT1 port can be left open. Provide elec-
trically symmetrical input traces to the baluns to main-
tain IP2 and RF common-mode noise rejection for the
receiver, and to maintain a balanced load for the PA.
Receiver
After the switch, the receiver integrates an LNA and VGA
with a 95dB digitally programmable gain control range,
direct-conversion downconverters, I/Q baseband low-
pass filters with programmable LPF corner frequencies,
analog RSSI and integrated DC-offset correction circuitry.
A logic-low on the RXTX input (pin 48) and a logic-high on
the SHDN input (pin 12) enable the receiver.
LNA Gain Control
The LNA has three gain modes: max gain, max gain
-16dB, and max gain -33dB. The three LNA gain
modes can be serially programmed through the SPI™
interface by programming bits D6:D5 in Register 11
(A3:A0 = 1011) or programmed in parallel through the
digital logic gain-control pins, B7 (pin 6) and B6 (pin 3).
Set bit D12 = 1 in Register 8 (A3:A0 = 1000) to enable
programming through the SPI interface, or set bit D12 =
0 to enable parallel programming. See Table 2 for LNA
gain-control settings.
Baseband Variable-Gain Amplifier
The receiver baseband variable-gain amplifiers provide
62dB of gain control range programmable in 2dB steps.
The VGA gain can be serially programmed through the
SPI interface by setting bits D4:D0 in Register 11 (A3:A0
= 1011) or programmed in parallel through the digital
logic gain-control pins, B5 (pin 14), B4 (pin 34), B3 (pin
8), B2 (pin 11), and B1 (pin 23). Set bit D12 = 1 in
Register 8 (A3:A0 = 1000) to enable serial programming
through the serial interface or set bit D12 = 0 to enable
parallel programming through the external logic pins.
See Table 3 for the gain-step value and Table 4 for
baseband VGA gain-control settings.
Receiver Baseband Lowpass Filter
The receiver integrates lowpass filters that provide an
upper -3dB corner frequency of 8.5MHz (nominal mode)
with 50dB of attenuation at 20MHz, and 45ns of group
delay ripple in the passband (10kHz to 8.5MHz). The
upper -3dB corner frequency is tightly controlled on-chip
and does not require user adjustment. However, provi-
sions are made to allow fine tuning of the upper -3dB
Table 3. Receiver Baseband VGA Gain-
Step Value (Pins B5:B1 or Register D4:D0,
A3:A0 = 1011)
Table 4. Baseband VGA Gain-Control
Settings in Receiver Gain-Control Register
(Pin B5:B1 or Register D4:D0, A3:A0 = 1011)
Table 5. Receiver LPF Coarse -3dB
Corner Frequency Settings in Register
(A3:A0 = 1000)
PIN/BIT
GAIN STEP (dB)
B1/D0
2
B2/D1
4
B3/D2
8
B4/D3
16
B5/D4
32
B5:B1 OR D4:D0
GAIN
11111
Max
11110
Max - 2dB
11101
Max - 4dB
::
00000
Min
BITS (D1:D0)
-3dB CORNER
FREQUENCY (MHz)
MODE
00
7.5
11b
01
8.5
11g
10
15
Turbo 1
11
18
Turbo 2
Table 2. LNA Gain-Control Settings (Pins
B7:B6 or Register A3:A0 = 1011, D6:D5)
B7 OR D6
B6 OR D5
NAME
DESCRIPTION
1
1
High
Max gain
1
0
Medium
Max gain - 16dB (typ)
0
X
Low
Max gain - 33dB (typ)
SPI is a trademark of Motorola, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com