Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2832 Datasheet HTML 1Page - Maxim Integrated Products MAX2832 Datasheet HTML 2Page - Maxim Integrated Products MAX2832 Datasheet HTML 3Page - Maxim Integrated Products MAX2832 Datasheet HTML 4Page - Maxim Integrated Products MAX2832 Datasheet HTML 5Page - Maxim Integrated Products MAX2832 Datasheet HTML 6Page - Maxim Integrated Products MAX2832 Datasheet HTML 7Page - Maxim Integrated Products MAX2832 Datasheet HTML 8Page - Maxim Integrated Products MAX2832 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS—Rx Mode (continued)
(MAX2830 EV kit, VCC_ = 2.8V, VCCPA = VCCTXPA = 3.3V, TA =+25°C, fRF = 2.439GHz, fLO = 2.437GHz; receiver baseband I/Q out-
puts at 112 mVRMS (-19dBV), fREF = 40MHz, SHDN = CS = high, RXTX = SCLK = DIN = low, with power matching for the differential
RF pins using the typical applications and registers set to default settings and corresponding test mode, unless otherwise noted.
Unmodulated single-tone RF input signal is used with specifications that normally apply over the entire operating conditions, unless
otherwise indicated. RF inputs/outputs specifications are referenced to device pins and do not include 1dB loss from EV kit PCB,
balun, and SMA connectors.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I/Q Output DC Droop
After switching RXHP to 0, D13:D12, Register 7
(A3:A0 = 0111)
±1
V/s
I/Q Static DC Offset
RXHP = 1, B7:B1 = 1101110, 1
σ variation
±1
mV
Spurious Signal Emissions from
LNA input
RF = 1GHz to 26.5GHz
-51
dBm
ANT1 to receiver (in ANT2 mode)
20
ANT to Receiver Isolation
ANT2 to receiver (in ANT1 mode)
47
dB
RECEIVER BASEBAND FILTERS
Gain Ripple in Passband
10kHz to 8.5MHz at baseband
±1.3
dBP-P
Group-Delay Ripple in Passband
10kHz to 8.5MHz at baseband
±45
nsP-P
At 8.5MHz
3.2
At 15MHz
27
At 20MHz
50
Baseband Filter Rejection
(Nominal Mode)
At > 40MHz
80
dB
RSSI
RSSI Minimum Output Voltage
RLOAD
≥ 10kΩ || 5pF
0.4
V
RSSI Maximum Output Voltage
RLOAD
≥ 10kΩ || 5pF
2.4
V
RSSI Slope
30
mV/dB
+32dB signal step
200
RSSI Output Settling Time
To within 3dB of steady
state
-32dB signal step
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com