Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 14Page - Maxim Integrated Products MAX2832 Datasheet HTML 15Page - Maxim Integrated Products MAX2832 Datasheet HTML 16Page - Maxim Integrated Products MAX2832 Datasheet HTML 17Page - Maxim Integrated Products MAX2832 Datasheet HTML 18Page - Maxim Integrated Products MAX2832 Datasheet HTML 19Page - Maxim Integrated Products MAX2832 Datasheet HTML 20Page - Maxim Integrated Products MAX2832 Datasheet HTML 21Page - Maxim Integrated Products MAX2832 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
18
______________________________________________________________________________________
B2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VCCLNA
B6
GNDRXLNA
ANT1+
ANT1-
B7
VCCPA
ANT2+
ANT2-
SHDN
POWER DETECTOR
SERIAL
INTERFACE
TEMP
SENSOR
AM
DETECTOR
RXBBQ+
RXBBQ-
RX Q
OUTPUTS
RX/TX GAIN
CONTROL
B4
BYPASS
TUNE
GNDVCO
CTUNE
VCCVCO
XTAL
PLL
%1,2
%1,2
GNDCP
SERIAL INPUTS
VCCXTAL
VCCCP
MAX2830
MODE
CONTROL
RX/TX GAIN
CONTROL
RX/TX GAIN
CONTROL
REFERENCE
CLOCK BUFFER
OUTPUT
NOTE: ALL GROUND PINS (PINS 2, 26, AND 31) AND BYPASS CAPACITORS’ GROUND REQUIRE THEIR OWN VIAS TO GROUND.
DO NOT CONNECT THEM TO THE EXPOSED PADDLE GROUND.
RX BASEBAND HPF
CORNER FREQUENCY
CONTROL
B3
RX/TX
GAIN CONTROL
RX INPUT
TX OUTPUT
MODE CONTROL
RX/TX GAIN
CONTROL
RX/TX GAIN
CONTROL
RX GAIN
CONTROL
TX INPUT
RX I OUTPUTS
0
°
90
°
RSSI
MUX
TO RSSI
MUX
RSSI
TEMP
SENSOR
CRYSTAL
OSCILLATOR/
BUFFER
RSSI
TO
RSSI
MUX
MUX
IMUX QMUX
MUX
Block Diagram/Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com