Electronic Components Datasheet Search
  English  ▼

X  

MAX2832 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX2832 Datasheet HTML 25Page - Maxim Integrated Products MAX2832 Datasheet HTML 26Page - Maxim Integrated Products MAX2832 Datasheet HTML 27Page - Maxim Integrated Products MAX2832 Datasheet HTML 28Page - Maxim Integrated Products MAX2832 Datasheet HTML 29Page - Maxim Integrated Products MAX2832 Datasheet HTML 30Page - Maxim Integrated Products MAX2832 Datasheet HTML 31Page - Maxim Integrated Products MAX2832 Datasheet HTML 32Page - Maxim Integrated Products MAX2832 Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA,
and Rx/Tx/Antenna Diversity Switch
32
______________________________________________________________________________________
SCLK
POWER SUPPLY
ON
IREF
SHUTDOWN
MODE
STANDBY
MODE
DIN
SHUTDOWN
SCLK (CLOCK)
DIN (DATA)
RXTX
RECEIVE
MODE
TRANSMIT
MODE
INTERNAL PA
ENABLED
PA ENABLE
(DRIVES POWER RAMP CONTROL)
3-WIRE SERIAL INTERFACE AVAILABLE
POWER
SPI:
CHANNEL FREQUENCY, PA BIAS, TRANSMITTER LINEARITY,
RECEIVER RSSI OPERATION, CALIBRATION MODE, ETC.
0 TO 7
µs
CS
SHDN
CS (SELECT)
Figure 4. Timing Diagram
Pin Configuration
TOP VIEW
MAX2830
GNDCP
EP*
*EXPOSED PADDLE
SHDN
B2
ANT2-
ANT2+
B3
VCCPA
B7
ANT1-
ANT1+
B6
+
GNDRXLNA
VCCLNA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
RXBBQ+
RXBBQ-
B4
BYPASS
TUNE
GNDVCO
VCCVCO
CTUNE
XTAL
VCCXTAL
VCCCP
THIN QFN
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
48 TQFN-EP
T4877+4
21-0144
90-0130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com