Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 5 Page - Infineon Technologies AG

  HS01G Datasheet HTML 1Page - Infineon Technologies AG HS01G Datasheet HTML 2Page - Infineon Technologies AG HS01G Datasheet HTML 3Page - Infineon Technologies AG HS01G Datasheet HTML 4Page - Infineon Technologies AG HS01G Datasheet HTML 5Page - Infineon Technologies AG HS01G Datasheet HTML 6Page - Infineon Technologies AG HS01G Datasheet HTML 7Page - Infineon Technologies AG HS01G Datasheet HTML 8Page - Infineon Technologies AG HS01G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Version 2.0
5
24 August 2009
Half-Bridge Resonant Controller
ICE1HS01G
Pin Configuration and Functionality
1
Pin Configuration and
Functionality
1.1
Pin configuration with PG-DSO-8
Figure 1
Pin configuration with PG-DSO-8
1.2
Pin Functionality
FMIN (minimum switching frequency)
An external resistor is connected between this pin and
the ground. The voltage of this pin is constant during
operation and thus the resistance determines the
current flowing out of this pin. The minimum switching
frequency is determined by this current. The maximum
switching frequency and the switching frequency
during soft start are also related to the current flowing
out of FMIN pin.
CS(current sense)
The current sense signal is fed to this pin. Inside the IC,
two comparators are provided. If the voltage on CS pin
is higher than the first threshold, IC will increase the
switching frequency to limit the maximum output power
of the converter. If the voltage on this pin exceeds the
second threshold, IC will be latched off immediately.
FB (feedback)
This pin is connected to the collector of the opto-
coupler. Internally, during normal operation, this pin is
connected to reference voltage source with a pull-up
resistor(RFB). The IC uses the voltage on this pin to
adjust the switching frequency within the range of
maximum and minimum frequency set by FMIN pin. If
FB voltage is higher than VFBH for a certain fixed
blanking time, an extended timer will be started. If over
load/open loop protection exists longer than the
extended blanking time, IC will enter auto-restart mode.
An off timer starts from the instant IC stops switching till
IC starts another soft start. This off time is determined
by the resistors and capacitor connected to VINS pin.
VINS (mains input voltage sense)
The mains input voltage is fed to this pin via a resistive
voltage divider. If the voltage on VINS pin is higher than
the threshold VINSON, IC will start to operate with
softstart when VCC increases beyond turn on
threshold. During operation, if the voltage on this pin
falls below the threshold VINSON, IC will stop switching
until the voltage on this pin increases again.
When IC goes into over load protection mode, IC will
stop switching and try to restart after a period of time.
This period can be adjusted by connectting different
capacitors between this pin and ground.
GND (ground)
IC common ground.
LG (low side gate drive)
Low side power MOSFET driver.
HG (high-side gate drive)
Up side power MOSFET driver.
VCC (IC power supply)
Supply voltage of the IC.
Pin
Symbol
Function
1
FMIN
Minimum switching frequency
2
CS
Current sense
3
FB
Feedback voltage
4
VINS
Input voltage sense
5
GND
IC ground
6
LG
Low side gate drive
7
HG
High side gate drive
8
VCC
IC power supply
1
2
FMIN
3
4
CS
FB
VINS
8
7
6
5GND
VCC
HG
LG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com