Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HS01G Datasheet HTML 7Page - Infineon Technologies AG HS01G Datasheet HTML 8Page - Infineon Technologies AG HS01G Datasheet HTML 9Page - Infineon Technologies AG HS01G Datasheet HTML 10Page - Infineon Technologies AG HS01G Datasheet HTML 11Page - Infineon Technologies AG HS01G Datasheet HTML 12Page - Infineon Technologies AG HS01G Datasheet HTML 13Page - Infineon Technologies AG HS01G Datasheet HTML 14Page - Infineon Technologies AG HS01G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Half-Bridge Resonant Controller
ICE1HS01G
Version 2.0
11
24 August 2009
voltage. The charging time tcha and discharging time
tdisc can be respectively approximated as
[8]
[9]
In [8], Req is the equivalent resistance for parallelling of
RINS1 and RINS2.
[10]
In [9], Req2 is the equivalent resistance for parallelling of
RINS1, RINS2 and RQ3 (900ohm typically).
[11]
IC will repeat the charging and discharging process for
NOLP_R times. After that, IC will turn off the switches for
both charging and discharging. In addition, the current
source for hysteresis will be turned on and another
blanking time of TBL_VINS, the time between t2 and t3 as
shown in Fiugre 14, will be added so that VINS pin fully
recovers and represents the bus voltage information.
IC will start the soft start after the additional blanking
time in case VVINS is higher than the VVINSon.
Figure 13
Circuit connected to VINS pin
Figure 14
VINS voltage waveform during blanking
time after OLP and before IC restarts
tcha
VBUS
Req
RINS1
-------------
⋅


IINST Req
⋅
() V
INSH
–
+
VBUS
Req
RINS1
-------------
⋅


IINST Req
⋅
() V
INSL
–
+
---------------------------------------------------------------------------------------------





ln
–Req CINS
⋅⋅
=
tdisc
VBUS
Req2
RINS1
------------- VINSL
–
⋅
VBUS
Req2
RINS1
-------------
⋅
VINSH
–
----------------------------------------------------





ln
–Req2 CINS
⋅⋅
=
Req
1
1
RINS1
-------------
1
RINS2
-------------
+
----------------------------------
=
Req2
1
1
RINS1
-------------
1
RINS2
-------------
1
RQ3
---------
++
--------------------------------------------------
=
VINS
CV1
Ihys
1.25V
CV3
CV2
EnA
EnA
0.5V
4.5V
IINST
Vdd
R
S
Q
Q
CLK
Counter
TBL_VINS
20ms
AR_R
AR
Mains_OK
ICE1HS01G
Q3
Q1
Q2
Time
VINS_H
t1
t2
t3
VINS_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com