Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button HS01G Datasheet HTML 8Page - Infineon Technologies AG HS01G Datasheet HTML 9Page - Infineon Technologies AG HS01G Datasheet HTML 10Page - Infineon Technologies AG HS01G Datasheet HTML 11Page - Infineon Technologies AG HS01G Datasheet HTML 12Page - Infineon Technologies AG HS01G Datasheet HTML 13Page - Infineon Technologies AG HS01G Datasheet HTML 14Page - Infineon Technologies AG HS01G Datasheet HTML 15Page - Infineon Technologies AG HS01G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Half-Bridge Resonant Controller
ICE1HS01G
Electrical Characteristics
Version 2.0
12
24 August 2009
4
Electrical Characteristics
Note:
All voltages are measured with respect to ground (Pin 5). The voltage levels are valid if other ratings are
not violated.
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 8 (VCC)
is discharged before assembling the application circuit.
1) Stress beyond this limit may destroy the device. Functional operation of the device at this or any condition
beyond those indicated under 4.2 Operating Range is not implied. Exposure to absolute maximum rated
conditions for extended periods of time may affect device reliability..
2) According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
Ω series resistor)
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VVCC
-0.3
20.51)
V
VHG Voltage
VLG
-0.3
18
V
VLG Voltage
VLG
-0.3
18
V
CS voltage
VCS
-0.3
5
V
FB voltage
VFB
-0.3
5
V
VINS voltage
VVINS
-0.3
5
V
FMIN voltage
VFMIN
-0.3
5
V
Maximum source current on FMIN
IFMIN
2.5
mA
Junction Temperature
Tj
-40
125
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction-Ambient for PG-DSO-8
RthJA(DSO)
-
185
K/W
PG-DSO-8
ESD Capability
VESD
-
2
kV
Human body model2)
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VVCC
10.2
18
V
Junction Temperature
TjCon
-25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com