Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HS01G Datasheet HTML 5Page - Infineon Technologies AG HS01G Datasheet HTML 6Page - Infineon Technologies AG HS01G Datasheet HTML 7Page - Infineon Technologies AG HS01G Datasheet HTML 8Page - Infineon Technologies AG HS01G Datasheet HTML 9Page - Infineon Technologies AG HS01G Datasheet HTML 10Page - Infineon Technologies AG HS01G Datasheet HTML 11Page - Infineon Technologies AG HS01G Datasheet HTML 12Page - Infineon Technologies AG HS01G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Version 2.0
9
24 August 2009
Half-Bridge Resonant Controller
ICE1HS01G
Functional description
Figure 8 shows the maximum switching frequency
versus minimum switching frequency during softstart.
Figure 8
Fmax_ss versus Fmin during soft start
3.2
IC power supply
The controller ICE1HS01G is targetting at applications
with auxiliary power supply. In most cases, a front-end
PFC pre-regulator with a PFC controller is used in the
same system.
The controller ICE1HS01G starts to operate when the
supply voltage VVCC reaches the on-threshold, VVCCon
of 12V. The minimum operating voltage after turn-on,
VVCCoff, is at 11V. The maximum recommended
operating voltage VVCCmax is 18V.
3.3
Soft start
At the beginning of the startup phase, the IC provides
a soft start with duration of 32ms with 32 steps. During
this period, the switching frequency is controlled
internally by changing the current ISS.
Figure 9 illustrates the actual switching frequency vs
startup time when RFMIN=22kohm. During softstart, the
frequency starts from 250kHz, and step by step drops
to normal operation point.
Figure 9
Switching frequency during softstart
when RFMIN=22kohm
During soft start, the overload protection is disabled
although FB voltage is high.
3.4
Current sense
Current sense in LLC half bridge converters is for
protection purpose. The voltage of resonant capacitor
CS is the sum of the resonant voltage and the dc
voltage which is equal to half of the input bus voltage.
If resonant current is higher, then the voltage on CS is
higher.The current informations for both primary side
and secondary side are almost the same and can be
obtained by dividing and filtering the resonant voltage.
The circuit is shown in Figure 10.
Figure 10
Current sense circuit
3.5
Over current protection
The controller ICE1HS01G incorporates two-level over
current protection. In case of over-load condition, the
lower level OCP will be triggerred, the switching
frequency will be increased according to the duration
and power of the over load. The higher level OCP is
used to protect the converter if transformer winding is
shorted, the IC will be latched immediately.
If VCS is higher than 0.8V, IC will boost up the switching
frequency. If Vcs is lower than 0.75V, IC will resume to
normal operation gradually. If VCS is always higher than
0.8V for 1.5ms, the frequency will rise to its maximum
level. And vice versa.
To sum up, ICE1HS01G will increase the switching
frequency to limit the resonant current in case of
temporary over-load and will also decrease the
switching frequency to its normal value after over-load
condition goes away.
3.6
Mains Input Voltage Sense
The working range of mains input voltage needs to be
specified for LLC resonant converter. It is important for
the controller to have input voltage sensing function
and protection features, which lets the IC stop
switching when the input voltage falls below the
specified range and restarts when the input voltage
increases back within the range. The mains input
voltage sensing circuit is shown Figure 2. With the
0
50
100
150
200
250
300
350
400
450
500
550
0
25
50
75
100
125
150
175
200
FMIN[kHz]
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
Time [ms]
RCS2
RCS1
DCS1
DCS2
CS
Q1
Q2
WP
CCS1
VCS
VBUS
CCS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com