Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HS01G Datasheet HTML 4Page - Infineon Technologies AG HS01G Datasheet HTML 5Page - Infineon Technologies AG HS01G Datasheet HTML 6Page - Infineon Technologies AG HS01G Datasheet HTML 7Page - Infineon Technologies AG HS01G Datasheet HTML 8Page - Infineon Technologies AG HS01G Datasheet HTML 9Page - Infineon Technologies AG HS01G Datasheet HTML 10Page - Infineon Technologies AG HS01G Datasheet HTML 11Page - Infineon Technologies AG HS01G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Version 2.0
8
24 August 2009
Half-Bridge Resonant Controller
ICE1HS01G
Functional description
Figure 5
FMIN versus RFMIN
3.1.2
Feedback regulation
The output information is fed into the controller through
feedback voltage. If the output power is higher, the
feedback voltage will be higher, which will cause the
switching frequency to decrease and vice versa.
The regulation of switching frequency is achieved by
changing the charging current. An accurate operational
transconductance amplifier (OTA) is used to translate
the feedback voltage VFB into current IFB. The effective
range of feedback voltage is from 0.9V to 3.9V.
Figure 6 graphs the relationship between the actual
switching frequency and feedback voltage VFB when
RFMIN=22kohm.
Figure 6
Switching frequency versus VFB
Burst mode operation is also provided by ICE1HS01G.
During LLC operation, the feedback signal VFB is
continuously monitored. When VFB drops below VFB_off
, the switching signal will be disabled after a fixed
blanking time TFB. VFB will then rise as Vout starts to
decrease due to no switching signal. Once VFB exceeds
the threshold VFB_on, the IC resumes to normal
operation.
3.1.3
Current sense current ICS
In LLC resonant topologies, it is necessary to limit the
resonant current in case of short circuit or other fault
conditions. It is achieved by adding another current Ics
to the charging current Ichg. ICS is limited to 3 times of
the minimum charge current.
3.1.4
Soft start current ISS
To limit the inrush current and output overshoot during
start up, the switching frequency shall be necessary
high at start up. The switching frequency will change
gradually toward the minimum switching frequency
until the feedback voltage comes into regulation. The
switching frequency will then go to desired value
according to load and input conditions. The soft start
current Iss also has a upper limit of around 3.4 times of
minimum charge current. Details of soft start will be
shown later.
3.1.5
Charge current Ichg
The charge current Ichg for IC oscillator capacitor CFS is
the sum of the four parts including Ichg_min, IFB, ISS and
ICS. To limit the maximum switching frequency,
maximum value of Ichg is 5 times of Ichg_min.
In summary, the maximum charge current during
normal operation is 3Ichg_min while the maximum charge
current during fault condition or softstart is around
4Ichg_min and 4.43*Ichg_min respectively. Figure 7 shows
the maximum switching frequency versus minimum
switching frequency during normal operation.
Figure 7
Fmax versus Fmin during normal
operation
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
0
5 10 15 20 25 30 35 40 45 50 55 60 65
RFMIN[kohm]
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
00.5
11.5
22.5
33.5
44.5
Feedback voltage Vfb [V]
0
50
100
150
200
250
300
350
400
450
0
25
50
75
100
125
150
175
200
FMIN [kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com