Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button HS01G Datasheet HTML 9Page - Infineon Technologies AG HS01G Datasheet HTML 10Page - Infineon Technologies AG HS01G Datasheet HTML 11Page - Infineon Technologies AG HS01G Datasheet HTML 12Page - Infineon Technologies AG HS01G Datasheet HTML 13Page - Infineon Technologies AG HS01G Datasheet HTML 14Page - Infineon Technologies AG HS01G Datasheet HTML 15Page - Infineon Technologies AG HS01G Datasheet HTML 16Page - Infineon Technologies AG HS01G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Half-Bridge Resonant Controller
ICE1HS01G
Electrical Characteristics
Version 2.0
13
24 August 2009
4.3
Characteristics
4.3.1
Supply Section
Note:
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage
and junction temperature range TJ from – 25
oC to 125oC. Typical values represent the median values,
which are related to 25°C. If not otherwise stated, a supply voltage of VCC = 15 V is assumed.
4.3.2
Oscillator Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Start up Current
IVCCstart
200
350
530
µAV
VCCon-0.1V
Supply Current in operation with
inactive gate
IVCCop
-
3
mA
no switching;
Supply Current in normal
operation with active gate
IVCCactive
-
5.8
mA
Freq=50kHz
RFMIN=30kΩ
VFB=4.2V, VCS=0V
CL=2.2nF,VVCC=15V
VCC Turn-On Threshold
VVCCon
11.3
12
12.7
V
VCC Hysteresis
VVCChys
0.68
0.95
1.25
V
VCC Turn-Off Threshold
VVCCoff
-VVCCon -
VVCChys
-V
Trimmed Reference Voltage
VREF
4.90
5.0
5.10
V
IFB=0
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Minimum switching frequency
FMIN
47
50
53
kHz
RFMIN=30kΩ;
Maximum switching frequency
during normal operation
FMAX_N
128
kHz
RFMIN=30kΩ;VFB=0.6V,
VCS=0V, after softstart
Maximum switching frequency
during protection
FMAX_P
203
kHz
RFMIN=30kΩ;VFB=0.6V,
VCS=1V
Absolute Maximum switching
frequency
FMAX_abs
609
kHz
RFMIN=4.8kΩ,
VFB=0.9V, VCS=1V, soft
start first cycle
Reference voltage on FMIN
VOSCRef
1.44
1.5
1.56
V
Dead time
Td
340
380
420
ns
RFMIN=30kΩ;VFB=0.6V,
VCS=0V
Oscillation duty cycle
D
48
50
52
%
based on calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com