Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HS01G Datasheet HTML 3Page - Infineon Technologies AG HS01G Datasheet HTML 4Page - Infineon Technologies AG HS01G Datasheet HTML 5Page - Infineon Technologies AG HS01G Datasheet HTML 6Page - Infineon Technologies AG HS01G Datasheet HTML 7Page - Infineon Technologies AG HS01G Datasheet HTML 8Page - Infineon Technologies AG HS01G Datasheet HTML 9Page - Infineon Technologies AG HS01G Datasheet HTML 10Page - Infineon Technologies AG HS01G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Version 2.0
7
24 August 2009
Half-Bridge Resonant Controller
ICE1HS01G
Functional description
3
Functional description
The controller ICE1HS01G with two gate outputs is
specially designed for LLC resonant half-bridge
converters. An oscillator with accurately-programmed
frequency range is built inside the IC. The two gate
signals are obtained by passing the signal out from the
oscillator through a divide-by-two flip-flop. Therefore,
two signals are of exactly 50% duty cycle and 180o out
of phase. To guarantee the zero-voltage-switching and
safe operation in half-bridge topologies, a fixed dead
time of 380ns is inserted in each internal when one
switch is turned off and the other is turned on.
For LLC resonant half-bridge converter, the output
voltage is regulated by changing the switching
frequency. ICE1HS01G offers the designer to choose
suitable operation frequency range by programming
the oscillator with one single resistor.
In addition, ICE1HS01G offers a programmed soft-start
function to limit both the inrush current and the
overshoot in output voltage.
To protect the system during operation, mains input
under-voltage protection and over-current protection
are integrated in ICE1HS01G as well.
3.1
Oscillator and Pulse Frequency
Modulation
The oscillator is programmed with only one external
resistor RFMIN connected to FMIN pin. The trimmed
capacitor CFS is built inside the IC with high accuracy.
The simplified oscillator circuit is shown in Figure 3.
Figure 3
Simiplified oscillator circuit
The charge current Ichg is sum of four currents which
are Ichg_min, IFB, ICS and ISS.
[1]
Everytime the capacitor CFS is charged by Ichg to VCH,
the upper switch is turned off and CFS will be
discharged through Idisc. The charge time determines
the on time for gate signal. The discharge time
determines the dead time during transition from one
gate off to another gate on. The switching waveforms
of the oscillator and gate signals are shown in Figure 4.
Figure 4
Oscillator waveforms
According to Figures 3 and 4, the on time of each gate
can be obtained as
[2]
The switching frequency can be obtained as
[3]
where the dead time Td is fixed as 380ns.
3.1.1
Minimum charge current
The voltage on pin FMIN is a constant of 1.5V during
normal operation. The resistor RFMIN determines the
current(IFMIN) flowing out from FMIN pin. Around one-
tenth of IFMIN is defined as the minimum charging
current(Ichg_min), which in turn defines the minimum
switching frequency as follows.
CO2
CO1
VCH
VCL
R
S
Q
R
S
Q
FMIN
CF1
Vdd
QF1
Ichg_min
CFS
Idisc
1.5V
RFMIN
QF2
QF3
Ichg
IFB
ICS
ISS
FB
CS
ICE1HS01G
Ichg
Ichgmin IFB Ics Iss
++
+
=
VCF
Vdelay
VLG
VHG
4V
1V
5V
10V
10V
0V
0V
0V
t
t
t
t
td
Ton
3CFS
Ichg
------------
=
fs
1
2
3CFS
Ichg
------------Td
+


---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com