Electronic Components Datasheet Search
  English  ▼

X  

HS01G Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # HS01G
Description  Half-Bridge Resonant Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HS01G Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button HS01G Datasheet HTML 10Page - Infineon Technologies AG HS01G Datasheet HTML 11Page - Infineon Technologies AG HS01G Datasheet HTML 12Page - Infineon Technologies AG HS01G Datasheet HTML 13Page - Infineon Technologies AG HS01G Datasheet HTML 14Page - Infineon Technologies AG HS01G Datasheet HTML 15Page - Infineon Technologies AG HS01G Datasheet HTML 16Page - Infineon Technologies AG HS01G Datasheet HTML 17Page - Infineon Technologies AG HS01G Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Half-Bridge Resonant Controller
ICE1HS01G
Electrical Characteristics
Version 2.0
16
24 August 2009
4.3.7
Over load/Open loop protection
4.3.8
Gate driver
Feedback voltage for open
loop/over load protection
VFBH
4.5
V
Feedback votlage high level for
extended timer
VFB_CH
4.5
V
Feedback votlage low level for
extended timer
VFB_CL
0.5
V
On resistance of pulling down
switch QFB
RQFB
900
ohm
Fixed Blanking time for open
loop/over load protection
TOLP_F
-20
-
ms
Maximum time for FB voltage
to go up to VFBH during
extended blanking timer
TOLP_R
-1.28
-
ms
Extended counter
NOLP_E
512
Charging current on VINS pin
for restart time
IINST
750
µA
Maximum voltage on VINS pin
charged by IINST
VINS_H
4.5
V
Minimum voltage on VINS pin
pulled down by Q3
VINS_L
0.5
V
On resistance of pulling down
switch Q3
RQ3
900
ohm
Restart counter number
NOLP_R
2048
Blanking time before IC
restarts after restart counter
reaches 2048
TBL_VINS
-20
-
ms
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Output voltage at logic low
VGATElow
-1.5
V
VVCC=5V
IOUT = 20mA
Output voltage at logic high
VGATEhigh
9V
VVCC=VVCCoff+0.2V
CL=2.2nF
Output voltage active shut down VGATEasd
1.0
V
VVCC = 5V
IOUT = 20mA
Rise Time
trise
-100
-ns
CL = 2.2nF
Fall Time
tfall
-25
-
ns
CL = 2.2nF
GATE current, Peak
Rising Edge
IGATE_R
1-
A
CL = 2.2nF
1)
GATE current, Peak
Falling Edge
IGATE_F
--1.5
A
CL = 2.2nF
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com