Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
25
Output pad transition
times (medium drive)
tpr
1.7~1.9V
10pF
1.02
1.08
2.34
2.38
ns
—
1.7~1.9V
20pF
1.51
1.5
3.34
3.28
—
1.7~1.9V
50pF
2.91
2.62
6.24
5.67
—
3.0~3.6V
10pF
1.26
1.29
2.9
2.6
—
3.0~3.6V
20pF
1.8
1.88
4
3.67
—
3.0~3.6V
50pF
3.3
3.46
6.91
6.64
—
Output pad transition
times (low drive)
tpr
1.7~1.9V
10pF
1.62
1.68
3.65
3.68
ns
—
1.7~1.9V
20pF
2.55
2.45
5.59
5.37
—
1.7~1.9V
50pF
5.42
4.62
11.46 10.01
—
3.0~3.6V
10pF
1.95
2.12
4.43
4.25
—
3.0~3.6V
20pF
2.96
3.21
6.36
6.25
—
3.0~3.6V
50pF
5.89
6.39
12.02 12.18
—
Output pad slew rate
(maximum drive)
tps
1.7~1.9V
10pF
1.39
1.25
0.53
0.52
V/ns
—
1.7~1.9V
20pF
0.97
0.93
0.38
0.38
—
1.7~1.9V
50pF
0.54
0.56
0.22
0.23
—
3.0~3.6V
10pF
2.08
2.00
0.73
0.83
—
3.0~3.6V
20pF
1.52
1.44
0.55
0.60
—
3.0~3.6V
50pF
0.88
0.83
0.34
0.35
—
Output pad slew rate
(medium drive)
tps
1.7~1.9V
10pF
1.12
1.06
0.44
0.43
V/ns
—
1.7~1.9V
20pF
0.75
0.76
0.31
0.31
—
1.7~1.9V
50pF
0.39
0.44
0.16
0.18
—
3.0~3.6V
10pF
1.71
1.67
0.62
0.69
—
3.0~3.6V
20pF
1.20
1.15
0.45
0.49
—
3.0~3.6V
50pF
0.65
0.62
0.26
0.27
—
Output pad slew rate
(low drive)
tps
1.7~1.9V
10pF
1.17
1.13
0.47
0.46
V/ns
—
1.7~1.9V
20pF
0.75
0.78
0.30
0.32
—
1.7~1.9V
50pF
0.35
0.41
0.15
0.17
—
3.0~3.6V
10pF
1.11
1.02
0.41
0.42
—
3.0~3.6V
20pF
0.73
0.67
0.28
0.29
—
3.0~3.6V
50pF
0.37
0.34
0.15
0.15
—
Input pad average
hysteresis
tih
1.7 V–1.9 V
—
100
75
mV
—
3.0 V–3.6 V
—
100
50
—
Table 28. Base GPIO (continued)
Parameters
Symbol
Test Voltage
Test Capacitance
Min
Rise/Fall
MaxRise/Fall
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com