Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
10
Freescale Semiconductor
2.1
Special Signal Considerations
Special signal considerations are listed in Table 5. The package contact assignment is found in Section 4,
“Package Information and Contact Assignments.” Signal descriptions are provided in the reference
manual.
SSP(4)
Synchronous
serial port
Connectivity
peripherals
The synchronous serial port is a flexible interface for inter-IC and removable
media control and communication. The SSP supports master operation of
SPI, Texas Instruments SSI; 1-bit, 4-bit, and 8-bit SD/SDIO/MMC and 1-bit
and 4-bit MS modes.
The SPI mode has enhancements to support 1-bit legacy MMC cards. SPI
master dual (2-bit) and quad (4-bit) mode reads are also supported. The SSP
also supports slave operation for the SPI and SSI modes. The SSP has a
dedicated DMA channel in the bridge and can also be controlled directly by
the CPU through PIO registers. Each of the four SSP modules is
independent of the other and can have separate SSPCLK frequencies.
TIMROT
Timers and
Rotary
Decoder
Timer
peripherals
This module implements four timers and a rotary decoder. The timers and
decoder can take their inputs from any of the pins defined for PWM, rotary
encoders, or certain divisions from the 32-kHz clock input. Thus, the PWM
pins can be inputs or outputs, depending on the application.
USBOTG
USBHOST
High-speed
USB
on-the-go
Connectivity
peripherals
The USB module provides high-performance USB On-The-Go (OTG) and
host functionality (up to 480 Mbps), compliant with the USB 2.0 specification
and the OTG supplement. The module has DMA capabilities for handling
data transfer between internal buffers and system memory.
When the OTG controller works in device mode, it can only work in FS or HS
mode. Two USB2.0 PHYs are also integrated (one for the OTG port, another
for the host port.)
USBPHY
Integrated
USB PHY
Connectivity
peripherals
The integrated USB 2.0 PHY macrocells are capable of connecting to USB
host/device systems at the USB low-speed (LS) rate of 1.5 Mbps, full-speed
(FS) rate of 12 Mbps or at the USB 2.0 high-speed (HS) rate of 480 Mbps.
The integrated PHYs provide a standard UTM interface. The USB_DP and
USB_DN pins connect directly to a USB connector.
Table 5. Signal Considerations
Signal
Descriptions
PSWITCH
The pin is used for chip power on or recovery. VDDIO can be applied to PSWITCH through a
10 k
Ω resistor. This is necessary in order to enter the chip’s firmware recovery. The on-chip
circuitry prevents the actual voltage on the pin from exceeding acceptable levels.
VDDXTAL
This pin is an output of i.MX28. Should be coupled to ground with a 0.1 uF capacitor. User
should not supply external power to this pin.
BATTERY
This pin should be connected to the battery with minimal resistance. It provides charging current
to the battery.
See the “Power Supply” section of the reference manual for details.
Table 4. i.MX28 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com