Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
26
Freescale Semiconductor
Table 29 shows the F-type GPIO AC timing and parameters.
Table 29. F-type GPIO
Parameters
Symbol
Test Voltage
Test Capacitance Min Rise/Fall Max Rise/Fall
Units
Notes
Duty cycle
Fduty
—
—
—
—
%
—
Output pad transition
times (maximum
drive)
tpr
1.7~1.9V
10pF
0.58
0.61
1.29
1.33
ns
—
1.7~1.9V
20pF
0.89
0.88
1.94
1.88
—
1.7~1.9V
50pF
1.83
1.59
3.88
3.39
—
3.0~3.6V
10pF
0.71
0.68
1.47
1.34
—
3.0~3.6V
20pF
1.02
1.04
2.11
1.99
—
3.0~3.6V
50pF
1.98
2.09
3.97
3.96
—
Output pad transition
times (medium drive)
tpr
1.7~1.9V
10pF
0.76
0.76
1.68
1.61
ns
—
1.7~1.9V
20pF
1.23
1.13
2.63
2.38
—
1.7~1.9V
50pF
2.66
2.18
5.61
4.6
—
3.0~3.6V
10pF
0.9
0.88
1.84
1.7
—
3.0~3.6V
20pF
1.36
1.4
2.76
2.67
—
3.0~3.6V
50pF
2.85
3.02
5.59
5.67
—
Output pad transition
times (low drive)
tpr
1.7~1.9V
10pF
1.32
1.26
2.88
2.72
ns
—
1.7~1.9V
20pF
2.27
1.98
4.84
4.23
—
1.7~1.9V
50pF
5.23
4.13
10.95
8.8
—
3.0~3.6V
10pF
1.46
1.55
3.05
3
—
3.0~3.6V
20pF
2.46
2.62
4.92
5.02
—
3.0~3.6V
50pF
5.56
5.96
10.78
11.22
—
Output pad slew rate
(maximum drive)
tps
1.7~1.9V
10pF
1.97
1.87
0.79
0.77
ns
—
1.7~1.9V
20pF
1.28
1.30
0.53
0.54
—
1.7~1.9V
50pF
0.62
0.72
0.26
0.30
—
3.0~3.6V
10pF
3.04
3.18
1.22
1.34
—
3.0~3.6V
20pF
2.12
2.08
0.85
0.90
—
3.0~3.6V
50pF
1.09
1.03
0.45
0.45
—
Output pad slew rate
(medium drive)
tps
1.7~1.9V
10pF
1.50
1.50
0.61
0.63
ns
—
1.7~1.9V
20pF
0.93
1.01
0.39
0.43
—
1.7~1.9V
50pF
0.43
0.52
0.18
0.22
—
3.0~3.6V
10pF
2.40
2.45
0.98
1.06
—
3.0~3.6V
20pF
1.59
1.54
0.65
0.67
—
3.0~3.6V
50pF
0.76
0.72
0.32
0.32
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com