Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
15
Table 13 illustrates the power supply characteristics.
Table 13. Power Supply Characteristics
Parameter
Min
Typ
Max
Units
Linear Regulators
Output Voltage Accuracy (VDDIO, VDDA, VDDM, VDDD)
1
1 No load.
–3
—
+3
%
VDDIO Maximum Output Current (VDDIO = 3.30 V, VDD5V =4.75V)
2, 3
2 Maximum output current measured when output voltage droops 100 mV from the programmed target voltage with no load
present.
3 Because the internal linear regulators are cascaded, it is not possible to simultaneously operate the V
DDIO, VDDA, VDDM, and
VDDD linear regulators at the maximum specified load current. For example, the VDDIO linear regulator provides current to both
the VDDIO 3.3 V supply rail as well as the VDDM and VDDA linear regulator inputs. Likewise, the VDDA linear regulator provides
current to both the 1.8 V supply rail as well as the VDDD linear regulator input. The application designer should ensure the
following two conditions are met:
(VDDIO Load Current + VDDM Load Current + VDDA Load Current) < VDDIO Maximum Output Current
(VDDA Load Current + VDDD Load Current) < VDDA Maximum Output Current
270
—
—
mA
VDDIO Maximum Output Current (VDDIO = 3.30 V, VDD5V = 4.40 V)
2, 3
200
—
—
mA
VDDM Maximum Output Current (VDDM = 1.5 V)
2
160
—
—
mA
VDDA Maximum Output Current (VDDA =1.8 V)
2, 3
225
—
—
mA
VDDD Maximum Output Current (VDDD =1.2 V)
2, 3
200
—
—
mA
DCDC Converters
Output Voltage Accuracy (DCDC_VDDIO, DCDC_VDDA,
DCDC_VDDD)1
–3
—
+3
%
DCDC_VDDD Maximum Output Current (VDDD = 1.55 V)
4, 5
4 DCDC Double FETs Enabled, Inductor Value = 15
μH.
5 The DCDC Converter is a triple output buck converter. The maximum output current capability of each output of the converter
is dependent on the loads on the other two outputs. For a given output, it may be possible to achieve a maximum output current
higher than that specified by ensuring the load on the other outputs is well below the maximum.
250
—
—
mA
DCDC_VDDA Maximum Output Current (VDDA =1.8 V)
4, 5
200
—
—
mA
DCDC_VDDIO Maximum Output Current (VDDIO = 3.15 V, 3.3 V < BATT
< 4.242 V)4, 5, 6
6 Assumes simultaneous load of IDDD = 250 mA@ 1.55 V and IDDA = 200 mA@1.8 V.
250
—
—
mA
VDD4P2 Regulated Output
VDD4P2 Output Voltage Accuracy (TARGET=4.2V)1
–3
—
+3
%
VDD4P2 Output Current Limit Accuracy (VDD5V = 4.75 V,
ILIMIT=480 mA)7
TBD
480
TBD
mA
VDD4P2 Output Current Limit Accuracy (VDD5V=4.75 V,
ILIMIT=100 mA)7
TBD
100
TBD
mA
Battery Charger
Final Charge Voltage Accuracy (TARGET=4.2 V)
-2
—
+1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com