Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
55
3.5.14.2
MMC4.4 (Dual Data Rate) AC Timing
Figure 37 depicts the timing of MMC4.4, and Table 59 lists the MMC4.4 timing characteristics. Be aware
that only DATA0–DATA7 are sampled on both edges of the clock (not applicable to CMD).
Figure 37. MMC4.4 Timing
SD7
SSP Input Setup Time
tISU
2.5
—
ns
SD8
SSP Input Hold Time
tIH
4
2.5
—
ns
1 In low speed mode, the card clock must be lower than 400 kHz, and the voltage ranges from 2.7 to 3.6 V.
2 In normal speed mode for the SD/SDIO card, clock frequency can be any value between 0 ~ 25 MHz. In high speed mode,
clock frequency can be any value between 0 ~ 50 MHz.
3 In normal speed mode for MMC card, clock frequency can be any value between 0 ~ 20 MHz. In high speed mode, clock
frequency can be any value between 0 ~ 52MHz.
4 To satisfy hold timing, the delay difference between clock input and cmd/data input must not exceed 2ns.
Table 59. MMC4.4 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (MMC Full Speed/High Speed)
fPP
052
MHz
SSP Output / Card Inputs CMD, DAT (Reference to CLK)
SD2
SSP Output Delay
tOD
–5
5
ns
SSP Input / Card Outputs CMD, DAT (Reference to CLK)
SD3
SSP Input Setup Time
tISU
2.5
—
ns
SD4
SSP Input Hold Time
tIH
2.5
—
ns
Table 58. SD/MMC4.3 Interface Timing Specification (continued)
ID
Parameter
Symbols
Min
Max
Unit
SD1
SD2
SD3
output from SSP to card
DAT1
......
DAT7
DAT0
input from card to SSP
DAT1
......
DAT7
DAT0
SCK
SD4
SD2
......
......



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com