Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
54
Freescale Semiconductor
3.5.14
Synchronous Serial Port (SSP) AC Timing
This section describes the electrical information of the SSP, which includes SD/MMC4.3 (Single Data
Rate) timing, MMC4.4 (Dual Date Rate) timing, MS (Memory Stick) timing, and SPI timing.
3.5.14.1
SD/MMC4.3 (Single Data Rate) AC Timing
Figure 36 depicts the timing of SD/MMC4.3, and Table 58 lists the SD/MMC4.3 timing characteristics.
Figure 36. SD/MMC4.3 Timing
Table 58. SD/MMC4.3 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP
1
0
400
kHz
Clock Frequency (SD/SDIO Full Speed/High
Speed)
fPP
2
025/50
MHz
Clock Frequency (MMC Full Speed/High Speed)
fPP
3
020/52
MHz
Clock Frequency (Identification Mode)
fOD
100
400
kHz
SD2
Clock Low Time
tWL
7—
ns
SD3
Clock High Time
tWH
7—
ns
SD4
Clock Rise Time
tTLH
—3
ns
SD5
Clock Fall Time
tTHL
—3
ns
SSP Output / Card Inputs CMD, DAT (Reference to CLK)
SD6
SSP Output Delay
tOD
-5
5
ns
SSP Input / Card Outputs CMD, DAT (Reference to CLK)
SD1
SD3
SD5
SD4
SD7
CMD
output from SSP to card
DAT1
......
DAT7
DAT0
CMD
input from card to SSP
DAT1
......
DAT7
DAT0
SCK
SD2
SD8
SD6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com