Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
42
Freescale Semiconductor
3.5.7
General-Purpose Media Interface (GPMI) Timing
The i.MX28 GPMI controller is a flexible interface NAND Flash controller with 8-bit data width, up to
50MB/s I/O speed and individual chip select.
It supports normal timing mode, using two Flash clock cycles for one access of RE and WE. AC timings
are provided as multiplications of the clock cycle and fixed delay. Figure 20, Figure 21, Figure 22 and
Figure 23 depict the relative timing between GPMI signals at the module level for different operations
under normal mode. Table 48 describes the timing parameters (NF1–NF17) that are shown in the figures.
Figure 20. Command Latch Cycle Timing Diagram
Figure 21. Address Latch Cycle Timing Diagram
CLE
CEn
WE
ALE
IO[7:0]
Command
NF9
NF8
NF1
NF2
NF5
NF3
NF4
NF6
NF7
CLE
CEn
WE
ALE
IO[7:0]
Address
NF9
NF8
NF1
NF5
NF3
NF4
NF6
NF11
NF10
NF7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com