Electronic Components Datasheet Search
  English  ▼

X  

IMX28CEC Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # IMX28CEC
Description  Processors Data Sheet for Consumer Products
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28CEC Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button IMX28CEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28CEC Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
50
Freescale Semiconductor
Figure 31. PWM Timing
Figure 32. PWM Timing
Table 53. PWM Output Timing Parameter: HSADC clock
Ref No.
Parameter
Minimum
Maximum
Unit
1
System CLK frequency1
1 CL of PWMO = 30 pF
032
MHz
2a
Clock high time
6.813
—
ns
2b
Clock low time
24.432
—
ns
3a
Clock fall time
—
0.3
ns
3b
Clock rise time
—
0.3
ns
4a
Output delay time
—
14.93
ns
4b
Output setup time
15.71
—
ns
4a
PWM Source Clock
2a
1
PWM Output
2b
3a
3b
4b
PWM Source Clock
PWM Output
2a
4a
3a
2b
3b
4b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com