Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 16Page - NXP Semiconductors PCF8531 Datasheet HTML 17Page - NXP Semiconductors PCF8531 Datasheet HTML 18Page - NXP Semiconductors PCF8531 Datasheet HTML 19Page - NXP Semiconductors PCF8531 Datasheet HTML 20Page - NXP Semiconductors PCF8531 Datasheet HTML 21Page - NXP Semiconductors PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
20 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
9.
Instructions
Only two PCF8531 registers, the instruction register and the data register can be directly
controlled by the MPU. Before internal operation, control information is stored temporarily
in these registers to allow interfacing to various types of MPUs which operate at different
speeds or to allow interfacing to peripheral control ICs. The PCF8531 operation is
controlled by the instructions given in Table 11.
Instructions are of four types:
• Those that define PCF8531 functions e.g. display configuration, etc.
• Those that set internal RAM addresses
• Those that perform data transfer to/from the internal RAM
• Others
In normal mode instructions which perform data transfer to/from the internal RAM are
used most frequently. Automatic incrementing by 1 of internal RAM addresses after each
data write reduces the MPU program load.
9.1 Reset
After reset or internal Power-On Reset (POR) (depending on the application), the LCD
driver is set to the following state:
• Power-down mode (PD = 1)
• Horizontal addressing (V = 0)
• Display blank (D = 0; E = 0), no icon mode (IM = 0)
• Address counter X[6:0] = 0; Y[2:0] = 0
• Bias system BS[2:0] = 0
• Multiplex rate M[1:0] = 0 (multiplex rate 1:17)
• Temperature control mode TC[2:0] = 0
• HV-gen control, HVE = 0 the high voltage (HV) generator is switched off, PRS = 0 and
S[1:0] = 0
• VLCD =0V
• RAM data is undefined
• Command page definition H[1:0] = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com