Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 31Page - NXP Semiconductors PCF8531 Datasheet HTML 32Page - NXP Semiconductors PCF8531 Datasheet HTML 33Page - NXP Semiconductors PCF8531 Datasheet HTML 34Page - NXP Semiconductors PCF8531 Datasheet HTML 35Page - NXP Semiconductors PCF8531 Datasheet HTML 36Page - NXP Semiconductors PCF8531 Datasheet HTML 37Page - NXP Semiconductors PCF8531 Datasheet HTML 38Page - NXP Semiconductors PCF8531 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
35 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
[1]
As the programming range for the internally generated VLCD allows values above the maximum allowed VLCD, the user must ensure,
while setting the VOP register and selecting the temperature compensation, that the VLCD maximum limit of 9 V will never be exceeded
under all conditions and including all tolerances.
[2]
LCD outputs are open circuit, inputs at VDD or VSS; bus inactive.
[3]
VDD1 to VDD3 = 2.85 V; VLCD = 7.0 V; voltage multiplier = 3 × VDD; fosc =34 kHz.
[4]
VDD1 to VDD3 = 2.75 V; VLCD = 9.0 V; fosc =34kHz.
[5]
VDD1 to VDD3 = 2.75 V; VLCD = 3.5 V; fosc =34kHz.
[6]
Resets all logic when VDD1 < VPOR.
[7]
Iload ≤ 50 μA; outputs are tested one at a time.
[8]
VLCD ≤ 7.7 V.
14. Dynamic characteristics
[1]
ffr =fclk(ext)/480 or fosc/480.
[2]
A reset is generated if tw(RESL) > 3ns (see Figure 21).
[3]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH, with an
input voltage swing of VSS to VDD.
[4]
Cb = total capacitance of one bus line in pF.
Table 16.
Dynamic characteristics
VDD1 = 1.8 V (1.9 V) to 5.5 V; VDD2 and VDD3 = 2.5 V to 4.5 V; VSS1 = VSS2 =0V; VDD1 to VDD3 ≤ VLCD ≤ 9.0 V;
Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ffr(LCD)
LCD frame frequency
VDD = 3.0 V
[1] 40
66
135
Hz
fosc
oscillator frequency
20
34
65
kHz
fclk(ext)
external clock frequency
20
-
65
kHz
tw(RESL)
RES LOW pulse width
[2] 300
-
-
ns
tsu(RESL)
RES LOW set-up time
-
-
30
μs
Serial bus interface (see Figure 22)[3]
fSCL
SCL clock frequency
0
-
400
kHz
tLOW
LOW period of the SCL clock
1.3
-
-
μs
tHIGH
HIGH period of the SCL clock
0.6
-
-
μs
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
0.9
ns
tr
rise time of both SDA and SCL signals
[4] 20 + 0.1Cb -0.3
μs
tf
fall time of both SDA and SCL signals
[4] 20 + 0.1Cb -0.3
μs
Cb
capacitive load for each bus line
-
-
400
pF
tSU;STA
set-up time for a repeated START condition
0.6
-
-
μs
tHD;STA
hold time (repeated) START condition
0.6
-
-
μs
tSU;STO
set-up time for STOP condition
0.6
-
-
μs
tSP
pulse width of spikes that must be
suppressed by the input filter
on bus
-
-
50
ns
tBUF
bus free time between a STOP and START
condition
1.3
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com