Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 42Page - NXP Semiconductors PCF8531 Datasheet HTML 43Page - NXP Semiconductors PCF8531 Datasheet HTML 44Page - NXP Semiconductors PCF8531 Datasheet HTML 45Page - NXP Semiconductors PCF8531 Datasheet HTML 46Page - NXP Semiconductors PCF8531 Datasheet HTML 47Page - NXP Semiconductors PCF8531 Datasheet HTML 48Page - NXP Semiconductors PCF8531 Datasheet HTML 49Page - NXP Semiconductors PCF8531 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
46 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
19. Abbreviations
The orientation of the IC in a pocket is indicated by the position of the IC type name on the die
surface with respect to the chamfer on the upper left corner of the tray. Refer to the bonding pad
location diagram (Figure 2) for the orientation and position of the type name on the die surface.
Fig 35. Tray alignment
mgs489
Table 19.
Abbreviations
Acronym
Description
CDM
Charged Device Model
CMOS
Complementary Metal-Oxide Semiconductor
COG
Chip-On-Glass
DDRAM
Double Data Random Access Memory
EMC
ElectroMagnetic Compatibility
ESD
ElectroStatic Discharge
HBM
Human Body Model
HV
High Voltage
IC
Integrated Circuit
ITO
Indium Tin Oxide
LCD
Liquid Crystal Display
LSB
Least Significant Bit
MM
Machine Model
MPU
MicroProcessor Unit
POR
Power-On Reset
RAM
Random Access Memory
RC
Resistance-Capacitance
TC
Temperature Coefficient
SCL
Serial CLock line
SDA
Serial DAta line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com