Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 39Page - NXP Semiconductors PCF8531 Datasheet HTML 40Page - NXP Semiconductors PCF8531 Datasheet HTML 41Page - NXP Semiconductors PCF8531 Datasheet HTML 42Page - NXP Semiconductors PCF8531 Datasheet HTML 43Page - NXP Semiconductors PCF8531 Datasheet HTML 44Page - NXP Semiconductors PCF8531 Datasheet HTML 45Page - NXP Semiconductors PCF8531 Datasheet HTML 46Page - NXP Semiconductors PCF8531 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
43 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
23
1010
0000
HV-gen command page; set
VLCD =7.71V;
VOP[6:0] = 0100000
24
0100
0000
control byte; Co = 0; RS = 1
25
0001
1111
data write; Y and X are
initialized to 0 by default, so
they are not set here
26
0000
0101
data write
27
0000
0111
data write
28
0000
0000
data write
29
0001
1111
data write
30
0000
0100
data write
31
0001
1111
data write; last data and stop
transmission
32
0111
10SA0
0
repeated start; slave address;
R/W =0
Table 17.
Programming example for PCF8531 …continued
Step
Serial bus byte
Display
Operation
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
mgs405
mgs406
mgs407
mgs407
mgs409
mgs410
mgs411
mgs411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com