Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 20Page - NXP Semiconductors PCF8531 Datasheet HTML 21Page - NXP Semiconductors PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors PCF8531 Datasheet HTML 27Page - NXP Semiconductors PCF8531 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
24 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
9.10 Voltage multiplier control S[1:0]
The PCF8531 incorporates a software configurable voltage multiplier. After reset (internal
or external), the voltage multiplier is set to 2
× V
DD2. The voltage multiplier factors are set
by setting bits S[1:0] (see Table 13).
9.11 Temperature compensation
Due to the temperature dependency of the viscosity of the liquid crystals, the LCD
controlling voltage VLCD should usually be increased at lower temperatures to maintain
optimum contrast. Figure 13 shows VLCD for high multiplex rates.
Table 10.
Parameter values for the HV generator programming
Symbol
Value
Unit
PRS = 0
PRS = 1
Tints
27
27
°C
a
2.94
6.75
V
b
0.03
0.03
V
programming range
2.94 to 6.75
6.75 to 10.56
V
VOP[6:0] (programmed) [00h to 7Fh] program range LOW to HIGH.
Fig 12. VLCD programming of PCF8531
mgl935
00
01
02
a
VLCD
03
04
05
06
. . . 7D
7E
7F
00
01
02
03
04
05
06
. . . 5F
6F
7F
b
LOW
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com