Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 11Page - NXP Semiconductors PCF8531 Datasheet HTML 12Page - NXP Semiconductors PCF8531 Datasheet HTML 13Page - NXP Semiconductors PCF8531 Datasheet HTML 14Page - NXP Semiconductors PCF8531 Datasheet HTML 15Page - NXP Semiconductors PCF8531 Datasheet HTML 16Page - NXP Semiconductors PCF8531 Datasheet HTML 17Page - NXP Semiconductors PCF8531 Datasheet HTML 18Page - NXP Semiconductors PCF8531 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
15 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
7.10 Bias voltage generator
The bias voltage generator generates four buffered intermediate bias voltages. This block
contains the generator for the reference voltages and the four buffers. This block can
operate in two voltage ranges:
• Normal mode: 4.0 V to 9.0 V
• Power save mode: 3.0 V to 9.0 V.
7.11 VLCD generator
The VLCD voltage generator contains a configurable 2 to 5 times voltage multiplier; this is
programmed by software.
7.12 Reset
The PCF8531 has the possibility of two reset modes: internal Power-On Reset (POR) or
external reset (RES). The reset mode is selected using the ENR signal. After a reset, the
chip has the following state:
• All row and column outputs are set to VSS (display off)
• RAM data is undefined
• Power-down mode
7.13 Power-down
During power-down, all static currents are switched off (no internal oscillator, no timing
and no LCD segment drive system) and all LCD outputs are internally connected to VSS.
The I2C-bus function remains operational.
7.14 Column driver outputs
The LCD drive section includes 128 column outputs (C0 to C127) which must be
connected directly to the LCD. The column output signals are generated in accordance
with the multiplexed row signals and with the data in the display latch. When less than
128 columns are required, the unused column outputs must be left open-circuit.
7.15 Row driver outputs
The LCD drive section includes 34 row outputs (R0 to R33), which must be connected
directly to the LCD. The row output signals are generated in accordance with the selected
LCD drive mode. If less than 34 rows or lower multiplex rates are required, the unused
outputs must be left open-circuit. The row signals are interlaced i.e. the selection order is
R0,R2, ...,R1, R3,etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com