Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 10Page - NXP Semiconductors PCF8531 Datasheet HTML 11Page - NXP Semiconductors PCF8531 Datasheet HTML 12Page - NXP Semiconductors PCF8531 Datasheet HTML 13Page - NXP Semiconductors PCF8531 Datasheet HTML 14Page - NXP Semiconductors PCF8531 Datasheet HTML 15Page - NXP Semiconductors PCF8531 Datasheet HTML 16Page - NXP Semiconductors PCF8531 Datasheet HTML 17Page - NXP Semiconductors PCF8531 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
14 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
7.
Functional description
7.1 Oscillator
The on-chip oscillator provides the clock signal for the display system. No external
components are required and the OSC input must be connected to VDD. An external clock
signal, if used, is connected to this input.
7.2 Power-On Reset (POR)
The on-chip Power-On Reset (POR) initializes the chip after power-on or power failure.
7.3 I2C-bus controller
The I2C-bus controller receives and executes the commands. The PCF8531 acts as an
I2C-bus slave receiver and therefore it cannot control bus communication.
7.4 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
7.5 Display data RAM
The PCF8531 contains 34
× 128 bits static RAM for storing the display data, see Figure 7.
The RAM is divided into 6 banks of 128 bytes (6
× 8 × 128 bits). Bank 5 is used for icon
data. During RAM access, data is transferred to the RAM via the I2C-bus interface. There
is a direct correspondence between the X address and column output number.
7.6 Timing generator
The timing generator produces the various signals required to drive the internal circuitry.
Internal chip operation is not affected by operations on the data buses.
7.7 Address counter
The address counter sets the addresses of the display data RAM for writing.
7.8 Display address counter
The display address counter generates the addresses for read out of the display data.
7.9 Command decoder
The command decoder identifies command words that arrive on the I2C-bus and
determines the destination for the following data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com