Electronic Components Datasheet Search
  English  ▼

X  

AD5757ACPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD5757ACPZ
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757ACPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5757ACPZ Datasheet HTML 28Page - Analog Devices AD5757ACPZ Datasheet HTML 29Page - Analog Devices AD5757ACPZ Datasheet HTML 30Page - Analog Devices AD5757ACPZ Datasheet HTML 31Page - Analog Devices AD5757ACPZ Datasheet HTML 32Page - Analog Devices AD5757ACPZ Datasheet HTML 33Page - Analog Devices AD5757ACPZ Datasheet HTML 34Page - Analog Devices AD5757ACPZ Datasheet HTML 35Page - Analog Devices AD5757ACPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD5757
Rev. A | Page 32 of 44
Status Register
The status register is a read only register. This register contains
any fault information as a well as a ramp active bit and a user
toggle bit. When the STATREAD bit in the main control
register is set, the status register contents can be read back on
the SDO pin during every write sequence. Alternatively, if the
STATREAD bit is not set, the status register can be read using
the normal readback operation.
Table 28. Decoding the Status Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DC-
DCD
DC-
DCC
DC-
DCB
DC-
DCA
User
toggle
PEC
error
Ramp
active
Over
TEMP
X1
X1
X1
X1
IOUT_D
fault
IOUT_C
fault
IOUT_B
fault
IOUT_A
fault
1 X = don’t care.
Table 29. Status Register Options
Bit
Description
DC-DCD
This bit is set on Channel D if the dc-to-dc converter cannot maintain compliance (it may be reaching its VMAX
voltage). In this case, the IOUT_D fault bit is also set. See the DC-to-DC Converter VMAX Functionality section for more
information on this bit’s operation under this condition.
DC-DCC
This bit is set on Channel C if the dc-to-dc converter cannot maintain compliance (it may be reaching its VMAX
voltage). In this case, the IOUT_C fault bit is also set. See the DC-to-DC Converter VMAX Functionality section for more
information on this bit’s operation under this condition.
DC-DCB
This bit is set on Channel B if the dc-to-dc converter cannot maintain compliance (it may be reaching its VMAX
voltage). In this case, the IOUT_B fault bit is also set. See the DC-to-DC Converter VMAX Functionality section for more
information on this bit’s operation under this condition.
DC-DCA
This bit is set on Channel A if the dc-to-dc converter cannot maintain compliance (it may be reaching its VMAX
voltage). In this case, the IOUT_A fault bit is also set. See the DC-to-DC Converter VMAX Functionality section for more
information on this bit’s operation under this condition.
User toggle
User toggle bit. This bit is set or cleared via the software register. This can be used to verify data communications if
needed.
PEC Error
Denotes a PEC error on the last data-word received over the SPI interface.
Ramp Active
This bit is set while any one of the output channels is slewing (slew rate control is enabled on at least one channel).
Over TEMP
This bit is set if the AD5757 core temperature exceeds approximately 150°C.
IOUT_D Fault
This bit is set if a fault is detected on the IOUT_D pin.
IOUT_C Fault
This bit is set if a fault is detected on the IOUT_C pin.
IOUT_B Fault
This bit is set if a fault is detected on the IOUT_B pin.
IOUT_A Fault
This bit is set if a fault is detected on the IOUT_A pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com