Electronic Components Datasheet Search
  English  ▼

X  

AD5757ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5757ACPZ
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757ACPZ Datasheet(HTML) 1 Page - Analog Devices

  AD5757ACPZ Datasheet HTML 1Page - Analog Devices AD5757ACPZ Datasheet HTML 2Page - Analog Devices AD5757ACPZ Datasheet HTML 3Page - Analog Devices AD5757ACPZ Datasheet HTML 4Page - Analog Devices AD5757ACPZ Datasheet HTML 5Page - Analog Devices AD5757ACPZ Datasheet HTML 6Page - Analog Devices AD5757ACPZ Datasheet HTML 7Page - Analog Devices AD5757ACPZ Datasheet HTML 8Page - Analog Devices AD5757ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Quad Channel, 16-Bit,
Serial Input, 4 mA to 20 mA Output DAC,
Dynamic Power Control, HART Connectivity
AD5757
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution and monotonicity
Dynamic power control for thermal management
or external PMOS mode
Current output ranges: 0 mA to 20 mA, 4 mA to 20 mA,
or 0 mA to 24 mA
±0.05% total unadjusted error (TUE) maximum
User programmable offset and gain
On-chip diagnostics
On-chip reference (±10 ppm/°C maximum)
−40°C to +105°C temperature range
APPLICATIONS
Process control
Actuator control
PLCs
HART network connectivity
GENERAL DESCRIPTION
The AD5757 is a quad, current output DAC that operates with a
power supply range from 10.8 V to 33 V. On-chip dynamic
power control minimizes package power dissipation by regulat-
ing the voltage on the output driver from 7.4 V to 29.5 V using
a dc-to-dc boost converter optimized for minimum on-chip
power dissipation.
Each channel has a corresponding CHART pin so that HART
signals can be coupled onto the current output of the AD5757.
The part uses a versatile 3-wire serial interface that operates at
clock rates of up to 30 MHz and is compatible with standard
SPI, QSPI™, MICROWIRE™, DSP, and microcontroller interface
standards. The interface also features optional CRC-8 packet
error checking, as well as a watchdog timer that monitors
activity on the interface.
PRODUCT HIGHLIGHTS
1.
Dynamic power control for thermal management.
2.
16-bit performance.
3.
Multichannel.
4.
HART compliant.
COMPANION PRODUCTS
Product Family: AD5755-1, AD5755
External References: ADR445, ADR02
Digital Isolators: ADuM1410, ADuM1411
Power: ADP2302, ADP2303
Additional companion products on the AD5757 product page
FUNCTIONAL BLOCK DIAGRAM
AD5757
AGND
AVDD
+15V
AVCC
5.0V
DVDD
DGND
LDAC
CLEAR
SCLK
SDIN
SYNC
SDO
FAULT
DC-TO-DC
CONVERTER
DIGITAL
INTERFACE
REFERENCE
CURRENT AND
VOLTAGE
OUTPUT RANGE
SCALING
ALERT
REFOUT
REFIN
NOTES
1. x = A, B, C, AND D.
AD1
AD0
DAC A
SWx
VBOOST_x
GAIN REG A
OFFSET REG A
RSET_x
CHARTx
IOUT_x
DAC CHANNEL B
DAC CHANNEL A
DAC CHANNEL C
DAC CHANNEL D
7.4V TO 29.5V
+
Figure 1.


Similar Part No. - AD5757ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5757 AD-AD5757 Datasheet
909Kb / 31P
Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5757x AD-AD5757x Datasheet
909Kb / 31P
Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results

Similar Description - AD5757ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
AD5755 AD-AD5755 Datasheet
1Mb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5757 AD-AD5757 Datasheet
909Kb / 31P
Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD420 AD-AD420_11 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com