Electronic Components Datasheet Search
  English  ▼

X  

AD5757ACPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD5757ACPZ
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757ACPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5757ACPZ Datasheet HTML 31Page - Analog Devices AD5757ACPZ Datasheet HTML 32Page - Analog Devices AD5757ACPZ Datasheet HTML 33Page - Analog Devices AD5757ACPZ Datasheet HTML 34Page - Analog Devices AD5757ACPZ Datasheet HTML 35Page - Analog Devices AD5757ACPZ Datasheet HTML 36Page - Analog Devices AD5757ACPZ Datasheet HTML 37Page - Analog Devices AD5757ACPZ Datasheet HTML 38Page - Analog Devices AD5757ACPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AD5757
Rev. A | Page 35 of 44
Digitally controlling the slew rate of the output is necessary to
meet the analog rate of change requirements for HART.
DIGITAL SLEW RATE CONTROL
The slew rate control feature of the AD5757 allows the user to
control the rate at which the output value changes. With the
slew rate control feature disabled, the output value changes at a
rate limited by the output drive circuitry and the attached load.
To reduce the slew rate, this can be achieved by enabling the
slew rate control feature. With the feature enabled via the SREN
bit of the slew rate control register (see Table 25), the output,
instead of slewing directly between two values, steps digitally at
a rate defined by two parameters accessible via the slew rate
control register, as shown in Table 25. The parameters are
SR_CLOCK and SR_STEP. SR_CLOCK defines the rate at
which the digital slew is updated, for example, if the selected
update rate is 8 kHz, the output updates every 125 μs. In conjunc-
tion with this, SR_STEP defines by how much the output value
changes at each update. Together, both parameters define the
rate of change of the output value. Table 31 and Table 32 outline
the range of values for both the SR_CLOCK and SR_STEP
parameters.
Table 31. Slew Rate Update Clock Options
SR_CLOCK
Update Clock Frequency (Hz)1
0000
64 k
0001
32 k
0010
16 k
0011
8 k
0100
4 k
0101
2 k
0110
1 k
0111
500
1000
250
1001
125
1010
64
1011
32
1100
16
1101
8
1110
4
1111
0.5
1 These clock frequencies are divided down from the 13 MHz internal
oscillator. See Table 1, Figure 46, and Figure 47.
Table 32. Slew Rate Step Size Options
SR_STEP
Step Size (LSBs)
000
1
001
2
010
4
011
16
100
32
101
64
110
128
111
256
The following equation describes the slew rate as a function of
the step size, the update clock frequency, and the LSB size:
Size
LSB
Frequency
Clock
Update
Size
Step
Change
Output
Time
Slew
×
×
=
where:
Slew Time
is expressed in seconds.
Output Change
is expressed in amps for IOUT_x.
When the slew rate control feature is enabled, all output
changes occur at the programmed slew rate (see the DC-to-DC
Converter Settling Time section for additional information).
For example, if the CLEAR pin is asserted, the output slews to
the clear value at the programmed slew rate (assuming that the
clear channel is enabled to be cleared). If a number of channels
are enabled for slew, care must be taken when asserting the
CLEAR pin. If one of the channels is slewing when CLEAR is
asserted, other channels may change directly to their clear
values not under slew rate control. The update clock frequency
for any given value is the same for all output ranges. The step
size, however, varies across output ranges for a given value of
step size because the LSB size is different for each output range.
POWER DISSIPATION CONTROL
The AD5757 contains integrated dynamic power control using
a dc-to-dc boost converter circuit, allowing reductions in power
consumption from standard designs.
In standard current input module designs, the load resistor
values can range from typically 50 Ω to 750 Ω. Output module
systems must source enough voltage to meet the compliance
voltage requirement across the full range of load resistor values.
For example, in a 4 mA to 20 mA loop when driving 20 mA, a
compliance voltage of >15 V is required. When driving 20 mA
into a 50 Ω load, only 1 V compliance is required.
The AD5757 circuitry senses the output voltage and regulates
this voltage to meet compliance requirements plus a small
headroom voltage. The AD5757 is capable of driving up to
24 mA through a 1 kΩ load.
DC-TO-DC CONVERTERS
The AD5757 contains four independent dc-to-dc converters.
These are used to provide dynamic control of the VBOOST supply
voltage for each channel (see Figure 49). Figure 56 shows the
discreet components needed for the dc-to-dc circuitry, and the
following sections describe component selection and operation
of this circuitry.
AVCC
LDCDC
DDCDC
CDCDC
4.7µF
CFILTER
0.1µF
RFILTER
CIN
SWx
VBOOST_X
≥10µF
10Ω
10µH
Figure 56. DC-to-DC Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com