Electronic Components Datasheet Search
  English  ▼

X  

AD5757ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5757ACPZ
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5757ACPZ Datasheet HTML 2Page - Analog Devices AD5757ACPZ Datasheet HTML 3Page - Analog Devices AD5757ACPZ Datasheet HTML 4Page - Analog Devices AD5757ACPZ Datasheet HTML 5Page - Analog Devices AD5757ACPZ Datasheet HTML 6Page - Analog Devices AD5757ACPZ Datasheet HTML 7Page - Analog Devices AD5757ACPZ Datasheet HTML 8Page - Analog Devices AD5757ACPZ Datasheet HTML 9Page - Analog Devices AD5757ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD5757
Rev. A | Page 6 of 44
AC PERFORMANCE CHARACTERISTICS
AVDD = VBOOST_x = 15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND = GNDSWx = 0 V;
REFIN = 5 V; RL = 300 Ω; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Current Output
Output Current Settling Time
15
μs
To 0.1% FSR (0 mA to 24 mA)
See test conditions/
comments
ms
See Figure 26, Figure 27, and Figure 28
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.15
LSB p-p
16-bit LSB, 0 mA to 24 mA range
Output Noise Spectral Density
0.5
nA/√Hz
Measured at 10 kHz, midscale output, 0
mA to 24 mA range
1 Guaranteed by design and characterization; not production tested.
TIMING CHARACTERISTICS
AVDD = VBOOST_x= 15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND = GNDSWx = 0 V;
REFIN = 5 V; RL = 300 Ω; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t5
13
ns min
24th/32nd SCLK falling edge to SYNC rising edge (see
)
Figure 54
t6
198
ns min
SYNC high time
t7
5
ns min
Data setup time
t8
5
ns min
Data hold time
t9
20
μs min
SYNC rising edge to LDAC falling edge (all DACs updated or any channel has
digital slew rate control enabled)
5
μs min
SYNC rising edge to LDAC falling edge (single DAC updated)
t10
10
ns min
LDAC pulse width low
t11
500
ns max
LDAC falling edge to DAC output response time
t12
See the AC Performance
Characteristics section
μs max
DAC output settling time
t13
10
ns min
CLEAR high time
t14
5
μs max
CLEAR activation time
t15
40
ns max
SCLK rising edge to SDO valid
t16
21
μs min
SYNC rising edge to DAC output response time (LDAC = 0) (all DACs updated)
5
μs min
SYNC rising edge to DAC output response time (LDAC = 0) (single DAC updated)
t17
500
ns min
LDAC falling edge to SYNC rising edge
t18
800
ns min
RESET pulse width
t194
20
μs min
SYNC high to next SYNC low (digital slew rate control enabled) (all DACs updated)
5
μs min
SYNC high to next SYNC low (digital slew rate control disabled) (single DAC
updated)
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tRISE = tFALL = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.2 V.
3 See Figure 3, Figure 4, Figure 5, and Figure 6.
4 This specification applies if LDAC is held low during the write cycle; otherwise, see t9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com